Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC123Y Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC123Y
Description  NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 10 k-ohm
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC123Y Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC123Y Datasheet HTML 1Page - NXP Semiconductors PDTC123Y Datasheet HTML 2Page - NXP Semiconductors PDTC123Y Datasheet HTML 3Page - NXP Semiconductors PDTC123Y Datasheet HTML 4Page - NXP Semiconductors PDTC123Y Datasheet HTML 5Page - NXP Semiconductors PDTC123Y Datasheet HTML 6Page - NXP Semiconductors PDTC123Y Datasheet HTML 7Page - NXP Semiconductors PDTC123Y Datasheet HTML 8Page - NXP Semiconductors PDTC123Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 14017
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 24 March 2005
2 of 11
Philips Semiconductors
PDTC123Y series
NPN resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 10 kΩ
2.
Pinning information
Table 3:
Pinning
Pin
Description
Simplified outline
Symbol
SOT54
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54A
1
input (base)
2
output (collector)
3
GND (emitter)
SOT54 variant
1
input (base)
2
output (collector)
3
GND (emitter)
SOT23; SOT323; SOT346; SOT416
1
input (base)
2
GND (emitter)
3
output (collector)
SOT883
1
input (base)
2
GND (emitter)
3
output (collector)
001aab347
1
2
3
006aaa145
R1
R2
2
3
1
001aab348
1
2
3
006aaa145
R1
R2
2
3
1
001aab447
1
2
3
006aaa145
R1
R2
2
3
1
006aaa144
12
3
sym007
3
2
1
R1
R2
3
1
2
Transparent
top view
sym007
3
2
1
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com