Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC123ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PDTC123ES
Description  NPN resistor-equipped transistors; R1 = 2.2 k-ohm, R2 = 2.2 k-ohm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC123ES Datasheet(HTML) 4 Page - NXP Semiconductors

  PDTC123ES Datasheet HTML 1Page - NXP Semiconductors PDTC123ES Datasheet HTML 2Page - NXP Semiconductors PDTC123ES Datasheet HTML 3Page - NXP Semiconductors PDTC123ES Datasheet HTML 4Page - NXP Semiconductors PDTC123ES Datasheet HTML 5Page - NXP Semiconductors PDTC123ES Datasheet HTML 6Page - NXP Semiconductors PDTC123ES Datasheet HTML 7Page - NXP Semiconductors PDTC123ES Datasheet HTML 8Page - NXP Semiconductors PDTC123ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2004 Aug 06
4
Philips Semiconductors
Product specification
NPN resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 2.2 kΩ
PDTC123E series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Refer to standard mounting conditions.
2. Reflow soldering is the only recommended soldering method.
3. Refer to SOT883 standard mounting conditions; FR4 with 60
µm copper strip line.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDTC123EE
−
plastic surface mounted package; 3 leads
SOT416
PDTC123EEF
−
plastic surface mounted package; 3 leads
SOT490
PDTC123EK
−
plastic surface mounted package; 3 leads
SOT346
PDTC123EM
−
leadless ultra small package; 3 solder lands; body 1.0
× 0.6 ×
0.5 mm
SOT883
PDTC123ES
−
plastic single-ended leaded (through hole) package; 3 leads
SOT54
PDTC123ET
−
plastic surface mounted package; 3 leads
SOT23
PDTC123EU
−
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
50
V
VCEO
collector-emitter voltage
open base
−
50
V
VEBO
emitter-base voltage
open collector
−
10
V
VI
input voltage
positive
−
+12
V
negative
−−10
V
IO
output current (DC)
−
100
mA
ICM
peak collector current
−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT54
note 1
−
500
mW
SOT23
note 1
−
250
mW
SOT346
note 1
−
250
mW
SOT323
note 1
−
200
mW
SOT416
note 1
−
150
mW
SOT490
notes 1 and 2
−
250
mW
SOT883
notes 2 and 3
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com