Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2515-E/ST Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP2515-E/ST
Description  Stand-Alone CAN Controller With SPI??Interface
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2515-E/ST Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP2515-E/ST Datasheet HTML 51Page - Microchip Technology MCP2515-E/ST Datasheet HTML 52Page - Microchip Technology MCP2515-E/ST Datasheet HTML 53Page - Microchip Technology MCP2515-E/ST Datasheet HTML 54Page - Microchip Technology MCP2515-E/ST Datasheet HTML 55Page - Microchip Technology MCP2515-E/ST Datasheet HTML 56Page - Microchip Technology MCP2515-E/ST Datasheet HTML 57Page - Microchip Technology MCP2515-E/ST Datasheet HTML 58Page - Microchip Technology MCP2515-E/ST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS21801D-page 55
MCP2515
9.0
RESET
The MCP2515 differentiates between two resets:
1.
Hardware Reset – Low on RESET pin.
2.
SPI Reset – Reset via SPI command.
Both of these resets are functionally equivalent. It is
important to provide one of these two resets after
power-up to ensure that the logic and registers are in
their default state. A hardware reset can be achieved
automatically by placing an RC on the RESET pin. (see
Figure 9-1). The values must be such that the device is
held in reset for a minimum of 2 µs after VDD reaches
operating voltage, as indicated in the electrical
specification (tRL).
FIGURE 9-1:
RESET PIN CONFIGURATION EXAMPLE
RESET
R1(2)
VDD
VDD
R
C
D(1)
Note 1: The diode D helps discharge the capacitor quickly when VDD powers down.
2: R1 = 1 k
Ω to 10 kΩ will limit any current flowing into RESET from external
capacitor C, in the event of RESET pin breakdown due to Electrostatic
Discharge (ESD) or Electrical Overstress (EOS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com