Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4611 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM4611
Description  Low VIN, Quad 8A Silent Switcher μModule Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4611 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM4611 Datasheet HTML 9Page - Analog Devices LTM4611 Datasheet HTML 10Page - Analog Devices LTM4611 Datasheet HTML 11Page - Analog Devices LTM4611 Datasheet HTML 12Page - Analog Devices LTM4611 Datasheet HTML 13Page - Analog Devices LTM4611 Datasheet HTML 14Page - Analog Devices LTM4611 Datasheet HTML 15Page - Analog Devices LTM4611 Datasheet HTML 16Page - Analog Devices LTM4611 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM4710-1
13
Rev. 0
For more information www.analog.com
mode. The rising threshold of the RUN comparator is
400mV, with 75mV of hysteresis. It can be tied to VIN if
the shutdown feature is not used. Adding a resistor divider
from VIN to RUN programs the LTM4710-1 to regulate the
output only when VIN is above a desired voltage. Typically,
this threshold, VIN(EN), is used in situations where the
input supply is current limited or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so the source current increases
as the source voltage drops. This looks like a negative
resistance load to the source and can cause the source
to current limit or latch low under low source voltage
conditions. The VIN(EN) threshold prevents the regulator
from operating at source voltages where problems may
occur. This threshold can be adjusted by setting the values
R1 and R2 such that they satisfy Equation 6.
VIN(EN) =
R1
R2
+1
⎛
⎝⎜
⎞
⎠⎟
• 400mV
(6)
where the LTM4710-1 will remain off until VIN is above
VIN(EN). Due to the comparator’s hysteresis, switching will
not stop until the input falls slightly below VIN(EN).
Alternatively, a resistor divider from an output of another
channel to the RUN pin of the LTM4710-1 provides event-
based power-up sequencing, enabling the LTM4710-1
when the output of the other regulator reaches a
predetermined level.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of this data sheet are consistent with those param-
eters defined by JESD51-12 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModule package mounted to a hardware test board.
The motivation for providing these thermal coefficients
in found in JESD51-12 (“Guidelines for Reporting and
Using Electronic Package Thermal Information”).
Many designers may use laboratory equipment and a
test vehicle, such as the demo board, to anticipate the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are, in-and-of themselves, not
relevant to providing guidance on thermal performance;
instead, the derating curves provided in the data sheet can
be used in a manner that yields insight and guidance per-
taining to one’s application-usage and can be adapted to
correlate thermal performance to one’s own application.
The Pin Configuration section typically gives three ther-
mal coefficients explicitly defined in JESD 51-12; these
coefficients are quoted or paraphrased below.
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure. This environment is sometimes referred to as
“still air”, although natural convection causes the air to
move. This value is determined with the part mounted
to the demo board DC3164A-B.
2. θJCbottom, the thermal resistance from junction to
bottom of the product case, is determined with all the
component power dissipation flowing through the bot-
tom of the package. In the typical module regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
maybe useful for comparing packages, but the test
conditions don’t generally match the user’s application.
3. θJCtop, the thermal resistance from the junction to the
top of the product case, is determined with nearly all
of the component power dissipation flowing through
the top of the package. As the electrical connections of
the typical µModule are on the bottom of the package,
it is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages, but the test conditions don’t
generally match the user’s application.
A graphical representation of the aforementioned thermal
resistances is shown in Figure 3; blue resistances are
contained within the μModule regulator, whereas green
resistances are external to the µModule.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com