Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP50 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSP50
Description  NPN Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP50 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSP50 Datasheet HTML 1Page - NXP Semiconductors BSP50 Datasheet HTML 2Page - NXP Semiconductors BSP50 Datasheet HTML 3Page - NXP Semiconductors BSP50 Datasheet HTML 4Page - NXP Semiconductors BSP50 Datasheet HTML 5Page - NXP Semiconductors BSP50 Datasheet HTML 6Page - NXP Semiconductors BSP50 Datasheet HTML 7Page - NXP Semiconductors BSP50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 23
4
Philips Semiconductors
Product specification
NPN Darlington transistors
BSP50; BSP51; BSP52
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
5000
1000
2000
3000
4000
MGD838
10−1
1
IC (mA)
hFE
10
102
103
VCE =10V.
Fig.3 Test circuit for switching times.
handbook, full pagewidth
RC
R2
R1
DUT
MLB826
Vo
RB
(probe)
450
Ω
(probe)
450
Ω
oscilloscope
oscilloscope
VBB
Vi
VCC
Vi = 10 V; T = 200 µs; tp =6 µs; tr =tf ≤ 3 ns.
R1 = 56
Ω; R2 = 10 kΩ; RB =10kΩ; RC =18 Ω.
VBB = −1.8 V; VCC = 10.7 V.
Oscilloscope: input impedance Zi =50 Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com