Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8143ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8143ACPZ-R2
Description  High Speed, Triple Differential Receiver with Comparators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8143ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8143ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8143ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD8143
Rev. 0 | Page 15 of 24
54
38
–5
5
DIFFERENTIAL INPUT VOLTAGE (V)
52
50
48
46
44
42
40
–4
–3
–2
–1
01234
VS = ±12V
RL = ∞
IS
IS+
Figure 28. Power Supply Current vs. Differential Input Voltage at ±12 V Supplies
60
10
–50
100
TEMPERATURE (
°C)
55
50
45
40
35
30
25
20
15
–40 –30 –20 –100
102030405060708090
RL = ∞
IS+, VS = ±12V
IS–, VS = ±12V
IS+, VS = ±5V
IS–, VS = ±5V
Figure 29. Power Supply Current vs. Temperature
0
–100
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = ±5V
VS = ±12V
VS = +5V
Figure 30. Positive Power Supply Rejection Ratio vs. Frequency
4
–4
–3
–2
–1
–5
5
DIFFERENTIAL INPUT VOLTAGE (V)
–4
–3
–2
–1
0123
4
3
2
1
0
Figure 31. Differential Input Operating Range
50
25
5
12
SUPPLY VOLTAGE (
±V
S)
45
40
35
30
67
89
10
11
IS
IS+
RL = ∞
Figure 32. Power Supply Current vs. Power Supply Voltage
0
–100
0.01
1000
FREQUENCY (MHz)
0.1
1
10
100
–90
–80
–70
–60
–50
–40
–20
–30
–10
VS = ±5V
VS = ±12V
Figure 33. Negative Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com