Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACP-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8045ACP-R2
Description  3 nV/Hz Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACP-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8045ACP-R2 Datasheet HTML 14Page - Analog Devices AD8045ACP-R2 Datasheet HTML 15Page - Analog Devices AD8045ACP-R2 Datasheet HTML 16Page - Analog Devices AD8045ACP-R2 Datasheet HTML 17Page - Analog Devices AD8045ACP-R2 Datasheet HTML 18Page - Analog Devices AD8045ACP-R2 Datasheet HTML 19Page - Analog Devices AD8045ACP-R2 Datasheet HTML 20Page - Analog Devices AD8045ACP-R2 Datasheet HTML 21Page - Analog Devices AD8045ACP-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8045
Rev. A | Page 18 of 24
OUTPUT NOISE
Figure 66 shows the contributors to the noise at the output of a
noninverting configuration.
RG
RF
VOUT
RS
+–
VEN
VRF
VRG
VRS
IEN+
IEN–
Figure 66. Amplifier DC Errors
Ven
, IN+, and IN− are due to the amplifier.
,
, and
are due to the feedback network resistors. R
F
R
V
G
R
V
S
R
V
G
and RF, and
source resistor, RS. Total output voltage noise,
EN
OUT
V
_
, is the
rms sum of all the contributions.
=
EN
OUT
V
_
() () ()
()
( )2
2
2
2
2
4
4
4
n
S
n
G
f
n
G
F
n
S
n
G
kTR
G
kTR
kTR
G
||R
R
IN
G
R
IN
Ven
G
+
+
+
×
×
−
+
×
×
+
+
×
where:
Gn
is the noise gain
⎟
⎠
⎞
⎜
⎝
⎛
+
G
G
F
R
R
R
.
Ven
is the op amp input voltage noise.
IN
is the op amp input current noise.
Table 7 lists the expected output voltage noise spectral density
for several gain configurations.
Table 7. Noise and Bandwidth for Various Gains
Gain
RF
RG
RS
−3 dB
Bandwidth1
Output
Noise
(nV/√Hz)
+1
0
−
100
1 GHz
3.3
+2
499
499
0
400 MHz
7.4
+5
499
124
0
90 MHz
16.4
+10
499
56
0
40 MHz
31
−1
499
499
N/A
300 MHz
7.4
1 RL = 1 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com