Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8045ACPZ-R2
Description  3 nV/Hz Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8045ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8045
Rev. A | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
FEEDBACK
8
–IN
7
+IN
6
–VS
5
NC
1
+VS
2
OUTPUT
3
NC
4
NC = NO CONNECT
AD8045
BOTTOM VIEW
(Not to Scale)
Figure 5. SOIC Pin Configuration
BOTTOM
VIEW
(Not to Scale)
8
7
6
54
3
2
1
NC
FEEDBACK
–IN
+IN
+VS
OUTPUT
NC
–VS
NC = NO CONNECT
Figure 6 . 8-Lead LFCSP Pin Configuration
Note: The exposed paddle must be connected to −VS or it must be electrically isolated (floating).
Table 5. 8-Lead SOIC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
FEEDBACK
Feedback Pin
2
−IN
Inverting Input
3
+IN
Noninverting Input
4
−VS
Negative Supply
5
NC
NC
6
OUTPUT
Output
7
+VS
Positive Supply
8
NC
NC
9
Exposed Paddle
Must Be Connected to −VS or
Electrically Isolated
Table 6. 8-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
NC
No Connect
2
FEEDBACK
Feedback Pin
3
−IN
Inverting Input
4
+IN
Noninverting Input
5
−VS
Negative Supply
6
NC
No Connect
7
OUTPUT
Output
8
+VS
Positive Supply
9
Exposed Paddle
Must Be Connected to −VS or
Electrically Isolated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com