Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8188ARUZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8188ARUZ-R7
Description  350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188ARUZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8188ARUZ-R7 Datasheet HTML 6Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 7Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 8Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 9Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 10Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 11Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 12Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 13Page - Analog Devices AD8188ARUZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 10 of 24
10k
1k
100
10
1
0.1
0.1
1
1k
10
100
FREQUENCY (MHz)
Figure 23. AD8188 Input Impedance vs. Frequency
1k
100
10
1
0.1
0.1
1
1k
10
100
FREQUENCY (MHz)
Figure 24. AD8188 Enabled Output Impedance vs. Frequency
10k
1k
100
10
1
0.1
0.1
1
1k
10
100
FREQUENCY (MHz)
Figure 25. AD8188 Disabled Output Impedance vs. Frequency
10k
1k
100
10
1
0.1
0.1
1
1k
10
100
FREQUENCY (MHz)
Figure 26. AD8189 Input Impedance vs. Frequency
1k
100
10
1
0.1
0.1
1
1k
10
100
FREQUENCY (MHz)
Figure 27. AD8189 Enabled Output Impedance vs. Frequency
10k
1k
100
10
1
0.1
0.1
1
1k
10
100
FREQUENCY (MHz)
Figure 28. AD8189 Disabled Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com