Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8224 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8224
Description  Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8224 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8224 Datasheet HTML 9Page - Analog Devices AD8224 Datasheet HTML 10Page - Analog Devices AD8224 Datasheet HTML 11Page - Analog Devices AD8224 Datasheet HTML 12Page - Analog Devices AD8224 Datasheet HTML 13Page - Analog Devices AD8224 Datasheet HTML 14Page - Analog Devices AD8224 Datasheet HTML 15Page - Analog Devices AD8224 Datasheet HTML 16Page - Analog Devices AD8224 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Preliminary Technical Data
AD8224
160
10n
140
IBIAS
IOS
GAIN = +1000
GAIN = +100
GAI = +10
N
GAIN = +1
BANDWID
LIMITED
TH
1n
100p
10p
120
100
80
1p
60
0.1p
40
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 16. Input Bias Current and Offset Current Temperature,
Figure 19. CMRR vs. Frequency, 1 kΩ Source Imbalance
VS = ±15 V, VREF = 0 V
10
8
10n
6
1n
4
2
–50
130
IBIAS
IOS
100p
0
10p
–2
–4
1p
–6
0.1p
–8
–10
–50
–25
0
25
50
75
100
125
150
–30
–10
10
30
50
70
90
110
TEMPERATURE (°C)
TEMPERATURE (°C)
Figure 17. Input Bias Current and Offset Current vs. Temperature,
Figure 20. Change in CMRR vs. Temperature, G = 1
VS = +5 V, VREF = 2.5 V
160
70
60
GAIN = +1000
GAIN = +100
GAIN = +10
BANDWIDTH
GAIN = +1
LIMITED
GAIN
GAIN
GAIN
GAIN
= +10
= +100
= +1000
+1
=
140
120
100
50
40
30
20
10
0
80
–10
60
–20
–30
40
–40
10
100
1k
10k
100k
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 18. CMRR vs. Frequency
Figure 21. Gain vs. Frequency
Rev. PrB | Page 13 of 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com