Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP92 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP92
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP92 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP92 Datasheet HTML 1Page - NXP Semiconductors BSP92 Datasheet HTML 2Page - NXP Semiconductors BSP92 Datasheet HTML 3Page - NXP Semiconductors BSP92 Datasheet HTML 4Page - NXP Semiconductors BSP92 Datasheet HTML 5Page - NXP Semiconductors BSP92 Datasheet HTML 6Page - NXP Semiconductors BSP92 Datasheet HTML 7Page - NXP Semiconductors BSP92 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
April 1995
3
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP92
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
−V(BR)DSS
drain-source breakdown voltage
−ID = 10 µA; VGS = 0
240
−−
V
−I
DSS
drain-source leakage current
−VDS = 200 V; VGS = 0
−−
1
µA
±I
GSS
gate-source leakage current
±VGS = 20 V; VDS = 0
−−
100
nA
−VGS(th)
gate-source threshold voltage
−ID = 1 mA; VGS = VDS
0.8
−
2V
−V
GS
gate-source voltage
−ID = 50 mA; −VDS = 5 V
0.8
−
2.8
V
RDS(on)
drain-source on-resistance
−ID = 180 mA; −VGS = 10 V
−
10
20
Ω
−ID = 100 mA; −VGS = 5 V
−−
18
Ω
−I
D = 25 mA; −VGS = 2.8 V
−−
20
Ω
 Y
fs
transfer admittance
−ID = 180 mA; −VDS = 25 V
100
200
−
mS
Ciss
input capacitance
−VDS = 25 V; VGS = 0; f = 1 MHz
−
65
90
pF
Coss
output capacitance
−VDS = 25 V; VGS = 0; f = 1 MHz
−
20
30
pF
Crss
feedback capacitance
−VDS = 25 V; VGS = 0; f = 1 MHz
−
615
pF
Switching times (see Figs 3 and 4)
ton
turn-on time
−ID = 250 mA; −VDD = 50 V;
−VGS = 0 to 10 V
−
510
ns
toff
turn-off time
−ID = 250 mA; −VDD = 50 V;
−VGS = 0 to 10 V
−
20
30
ns
Fig.2 Power derating curve.
handbook,
0
50
100
200
2
0
1.6
150
1.2
0.8
0.4
MBB693
Ptot
(W)
Tamb (°C)
Fig.3 Switching times test circuit.
handbook, halfpage
MBB689
50
Ω
VDD = −50 V
ID
0 V
−10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com