Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8189ARUZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8189ARUZ-R7
Description  350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8189ARUZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8189ARUZ-R7 Datasheet HTML 2Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 3Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 4Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 5Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 6Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 7Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 8Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 9Page - Analog Devices AD8189ARUZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
14
12
13
AD8188/
AD8189
TOP VIEW
(Not to Scale)
VCC
VCC
DVCC
VEE
OUT2
VCC
OUT1
VEE
OUT0
VCC
OE
IN0A
IN0B
VEE
IN1B
VEE
IN2B
VEE
VCC
IN2A
VREF
IN1A
DGND
SEL A/B
Figure 4. AD8188/AD8189 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN0A
Input, High-ZIN. Routed to OUT0 when A is selected.
2
DGND
Ground Reference for Digital Control Circuitry.
3
IN1A
Input, High-ZIN. Routed to OUT1 when A is selected.
4
VREF
AD8188: Bypass point for internal reference. Does not affect dc level of output.
AD8189: Input to reference buffers for all channels. Can be used to offset the outputs.
5
IN2A
Input, High-ZIN. Routed to OUT2 when A is selected.
6, 13, 17, 21, 24
VCC
Positive Analog Supply. Nominally 5 V higher than VEE.
7, 9, 11, 15, 19
VEE
Negative Analog Supply.
8
IN2B
Input, High-ZIN. Routed to OUT2 when B is selected.
10
IN1B
Input, High-ZIN. Routed to OUT1 when B is selected.
12
IN0B
Input, High-ZIN. Routed to OUT0 when B is selected.
14
DVCC
Positive Supply for Digital Control Circuitry. Referenced to DGND.
16
OUT2
Output. Can connect to IN2A, IN2B, or disable.
18
OUT1
Output. Can connect to IN1A, IN1B, or disable.
20
OUT0
Output. Can connect to IN0A, IN0B, or disable.
22
SEL A/B
Logic high selects the three A inputs. Logic low selects the three B inputs.
23
OE
Output Enable. Logic high enables the three outputs.
Table 5. Truth Table
SEL A/B
OE
OUT
0
0
High-Z
1
0
High-Z
1
1
INxA
0
1
INxB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com