Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVI56E-MNET Datasheet(PDF) 1 Page - NHP Electrical Engineering Products

Part # MVI56E-MNET
Description  PROSOFT CONTROLLOGIX INRAX MODBUS TCP/IP CLI/SRV ENHNCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NHP [NHP Electrical Engineering Products]
Direct Link  https://www.nhp.com.au/
Logo NHP - NHP Electrical Engineering Products

MVI56E-MNET Datasheet(HTML) 1 Page - NHP Electrical Engineering Products

  MVI56E-MNET Datasheet HTML 1Page - NHP Electrical Engineering Products MVI56E-MNET Datasheet HTML 2Page - NHP Electrical Engineering Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automation Systems > Modular Programmable Controllers > Large PLC Systems > ProSoft® In-Chassis ControlLogix®
Communication Modules > ProSoft® Modbus Communication Modules
PROSOFT CONTROLLOGIX INRAX MODBUS TCP/IP CLI/SRV ENHNCD
MVI56E-MNET
Catalogue No:
·
Choose from various communication modules for the
ControlLogix® platform
·
Prosoft® communication module use Allen-Bradley®
licensed backplane technology
·
Integrate into your system using existing Studio 5000®
(formerly RSLogix™ 5000) programming software
Representative Photo Only
(actual product may vary based on configuration selections)
Prosoft ControlLogix inRAx Modbus TCP/IP Client/Server Enhanced
Communication Module
SPECIFICATIONS
Product Series
Component Type PLC & I/O
Communications Ports (On Board)
Communications Protocols
Operating Temperature, Max
Operating Temperature, Min
Storage Temperature, Max
Storage Temperature, Min
Relative Humidity, Max
Humidity Type
Vibration Acceleration (Max.)
Vibration Frequency, Operational (Max.)
Certifications
Shipping Approvals
ControlLogix (Bul. 1756 / 1757)
Communications Module
Ethernet RJ45 Category 5
Modbus-TCP/IP
0 °C max
60 °C min
-40 °C max
85 °C min
95 %RH
Non-condensing
5 m/s²
150 Hz
ATEX
CE
C-CSA-US
CSA
C-ETL-US Listed
GOST-R
RoHS
C-UL-US
Lloyd's Register of Shipping
Page 1 of 2
9 June 2023,
1300 NHP NHP | nhp.com.au
|
0800 NHP NHP | nhp-nz.com
MVI56EMNET Datasheet
NHP Electrical Engineering Products


Similar Part No. - MVI56E-MNET

ManufacturerPart #DatasheetDescription
logo
Prosoft-Technology
MVI56E-MNET PROSOFT-MVI56E-MNET Datasheet
365Kb / 3P
Modbus TCP/IP Client/Server Enhanced Communication Module for ControlLogix
MVI56E-MNETC PROSOFT-MVI56E-MNETC Datasheet
551Kb / 3P
Modbus TCP/IP Enhanced Communications Module Client/Server
logo
NHP Electrical Engineer...
MVI56E-MNETC NHP-MVI56E-MNETC Datasheet
345Kb / 2P
PROSOFT CONTROLLOGIX INRAX MODBUS TCP/IP MULTI CLI ENHNCD
12 May 2023,
logo
Prosoft-Technology
MVI56E-MNETCR PROSOFT-MVI56E-MNETCR Datasheet
342Kb / 3P
Modbus TCP/IP Multi Client Enhanced Communications Module for Remote Chassis
MVI56E-MNETCXT PROSOFT-MVI56E-MNETCXT Datasheet
551Kb / 3P
Modbus TCP/IP Enhanced Communications Module Client/Server
More results

Similar Description - MVI56E-MNET

ManufacturerPart #DatasheetDescription
logo
NHP Electrical Engineer...
ILX56-PBM NHP-ILX56-PBM Datasheet
327Kb / 1P
PROSOFT CONTROLLOGIX INRAX PROFIBUS DPV1 MASTER SLAVE
12 May 2023,
MVI56E-DNPNET NHP-MVI56E-DNPNET Datasheet
626Kb / 1P
PROSOFT CONTROLLOGIX INRAX DNP 3.0 ENET SVR/CLI INTERFACE
12 May 2023,
MVI56E-GSC NHP-MVI56E-GSC Datasheet
328Kb / 1P
PROSOFT CONTROLLOGIX INRAX ASCII SERIAL INTERFACE ENHANCED
12 May 2023,
MVI56E-MCM NHP-MVI56E-MCM Datasheet
597Kb / 2P
PROSOFT CONTROLLOGIX INRAX MODBUS RTU MASTER/SLAVE ENHANCED
24 June 2023,
MVI56E-MCMR NHP-MVI56E-MCMR Datasheet
345Kb / 2P
PROSOFT CONTROLLOGIX INRAX MODBUS RTU MST/SLV REM ENHNCD
24 June 2023,
MVI56E-MNETC NHP-MVI56E-MNETC Datasheet
345Kb / 2P
PROSOFT CONTROLLOGIX INRAX MODBUS TCP/IP MULTI CLI ENHNCD
12 May 2023,
MVI69E-MBTCP NHP-MVI69E-MBTCP Datasheet
680Kb / 1P
PROSOFT COMPACTLOGIX INRAX MODBUS TCP/IP CLI/SERVER ENHANCED
12 May 2023,
PLX31-EIP-MBTCP NHP-PLX31-EIP-MBTCP Datasheet
597Kb / 1P
PROSOFT GATEWAY ETHERNET/IP TO MODBUS TCP GATEWAY
12 May 2023,
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
PLX32-EIP-MBTCP NHP-PLX32-EIP-MBTCP Datasheet
328Kb / 1P
PROSOFT GATEWAY ETHERNET IP TO MODBUS TCP DUAL SUBNETS
24 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com