Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS Datasheet(PDF) 43 Page - ams AG

Part # 4LS
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

4LS Datasheet(HTML) 43 Page - ams AG

Back Button 4LS Datasheet HTML 39Page - ams AG 4LS Datasheet HTML 40Page - ams AG 4LS Datasheet HTML 41Page - ams AG 4LS Datasheet HTML 42Page - ams AG 4LS Datasheet HTML 43Page - ams AG 4LS Datasheet HTML 44Page - ams AG 4LS Datasheet HTML 45Page - ams AG 4LS Datasheet HTML 46Page - ams AG 4LS Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 42
Start AD
ADC Stabilization
Output Mode
ADC Time [clocks]
ADC Response
Stabilization ON
Status6Reg[0] = ' 1 '
8-Bit Mode
Status2Reg[3] = ' 1 '
34 + ROUNDUP(EOR_value + 1) = 290
12-Bit Mode
Status2Reg[3] = ' 0 '
34 + ROUNDUP((EOR_value + 1) / 1.5) = 717
(Default)
Auto Start AD ON
Status2Reg[4] = ' 1 '
ADC Response
Stabilization OFF
Status6Reg[0] = ' 0 '
8-Bit Mode
Status2Reg[3] = ' 1 '
20 + ROUNDUP(EOR_value + 1) = 276
12-Bit Mode
Status2Reg[3] = ' 0 '
20 + ROUNDUP((EOR_value + 1) / 1.5) = 703
ADC Response
Stabilization ON
Status6Reg[0] = ' 1 '
8-Bit Mode
Status2Reg[3] = ' 1 '
30 + ROUNDUP(EOR_value + 1) = 286
12-Bit Mode
Status2Reg[3] = ' 0 '
30 + ROUNDUP((EOR_value + 1) / 1.5) = 713
(1)
Validation tests were performed using these ADC times, for the respective output modes.
Figure 62 shows in detail the ADC Ramp and all the conversion process. Pending on the ADC
configuration, the ADC Time will be different, which may influence the pixel timing minimum number of
clocks:
Figure 62:
Sensor Timing According To The ADC Configuration(1)
(1)
The times identified by numbers are in line with Figure 58.
Assuming that the ADC Time is much higher than the Readout Time, the sensor Full Cycle Timing
(FCT) needs to take in consideration all the diagrams times, to not incur on timing violations.
(A)
(B)
(D)
Exposure Time
Conversion Time
TBTW_SAMPLE&START_AD = (I)
Exposure Time
Conversion Time
TBTW_RESETS
20 clocks
30 clocks
24 clocks
34 clocks
ROUNDUP(EOR_VALUE + 1)
OR
ROUNDUP(EOR_VALUE + 1)/1.5
ADC Time
RST_CVC
RST_CDS
SAMPLE
Start_AD
RST_RAMP
RST_COUNTER
RAMP
Conversion Time
TBTW_START_AD&RST_RAMP = 1 clock
(E)
Full Cycle Timing (FCT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com