Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LS5K Datasheet(PDF) 44 Page - ams AG

Part # 4LS5K
Description  4LS15K, 4LS10K and 4LS5K Line Scan Sensors
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

4LS5K Datasheet(HTML) 44 Page - ams AG

Back Button 4LS5K Datasheet HTML 40Page - ams AG 4LS5K Datasheet HTML 41Page - ams AG 4LS5K Datasheet HTML 42Page - ams AG 4LS5K Datasheet HTML 43Page - ams AG 4LS5K Datasheet HTML 44Page - ams AG 4LS5K Datasheet HTML 45Page - ams AG 4LS5K Datasheet HTML 46Page - ams AG 4LS5K Datasheet HTML 47Page - ams AG 4LS5K Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 115 page
background image
Document Feedback
4LS
Functional Description
Datasheet
• PUBLIC
DS000542
• v3-01 • 2022-Nov-17
114
│ 43
Equation 4:
������������������ (������������������������������������) = ������������������������������_������������ + ������������������������_������������������������������_������������&������������������_������������������������ + ������������������ ������������������������ + ������������������������������������ + ������������������������_������������������������������������&������������������������������_������������
Where START_AD is always 2 clocks, TBTW_START_AD&RST_RAMP is always 1 clock, ADC Time depends of
ADC configuration (Figure 61), SAMPLE and TBTW_SAMPLE&START_AD are defined according to Figure 58.
7.11.4
Maximum Line Rate for Full Resolution
The maximum line rate or Minimum Time Allowed (MTA) depends on the bit mode used, ADC Time,
exposure time and readout mode, being defined as the highest value from Equation 5.
Equation 5:
������������������ (������������������������������������) = ������������������( ������������������ ; ������������������������������������������ ������������������������ ; ������������������. ������������������������ + ������������������ )
Where:
Equation 6:
������������������ = ������������������������_������������������������������������&������������������������������_������������ + ������������������_������������������
To convert into Hz or Lines/s, it is used Equation 7:
Equation 7:
������������������ ������������������������ ������������������������ (������������) =
������������������������
������������������
For the following calculations, it is considered that the Exposure Time is lower than other parameters
to better understand how to achieve the highest line rate without timing violations, when dependent of
the ADC Time and Readout Time. It is also considered the minimum timing values from Figure 58.
12-Bit mode @ 60 MHz
Below described is an example to calculate the maximum line rate for 12-bit mode, for the settings
below):
Output mode: 12-bit @ 60 MHz
Readout mode: 1-To-1 LVDS
ADC response stabilization OFF
Auto-start AD OFF
Auto-start readout OFF
End of Range = 0xFF
Once the ADC Time (relative to the FCT) is higher than Readout Time, then the MTA is calculated
with the respective Equation 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com