Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFHB6.CM-RPRS-35S3 Datasheet(PDF) 6 Page - ams AG

Part # GWKAFHB6.CM-RPRS-35S3
Description  The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWKAFHB6.CM-RPRS-35S3 Datasheet(HTML) 6 Page - ams AG

Back Button GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 2Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 3Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 4Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 5Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 6Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 7Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 8Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 9Page - ams AG GWKAFHB6.CM-RPRS-35S3 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GW KAFHB6.CM
DATASHEET
DATASHEET
6 | Version 1.4 | 2023-07-11
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 270 mA
I
F = 270 mA
min.
max.
Φ
V
Φ
V
QU
1042 lm
1120 lm
RP
1120 lm
1210 lm
RQ
1210 lm
1300 lm
RR
1300 lm
1400 lm
RS
1400 lm
1500 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com