Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWKAFHB6.CM-RPRS-40S3 Datasheet(PDF) 11 Page - ams AG

Part # GWKAFHB6.CM-RPRS-40S3
Description  The SOLERIQ® S products were specifically designed for applications requiring large flux packages out of a compact area.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWKAFHB6.CM-RPRS-40S3 Datasheet(HTML) 11 Page - ams AG

Back Button GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 7Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 8Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 9Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 10Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 11Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 12Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 13Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 14Page - ams AG GWKAFHB6.CM-RPRS-40S3 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GW KAFHB6.CM
DATASHEET
DATASHEET
11 | Version 1.4 | 2023-07-11
Forward current 6)
I
F = f(VF); TJ = 85 °C
GW KAFHB6.CM
30,8
38,9
32
34
36
38
VF /V
30
690
100
200
300
400
500
600
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(270 mA) = f(IF); TJ = 85 °C
GW KAFHB6.CM
IF /mA
0,0
0,5
1,0
1,5
2,0
2,5
ΦV
ΦV(270mA)
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(I
F); TJ = 85 °C
GW KAFHB6.CM
IF /mA
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com