Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9228 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9228
Description  Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9228 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9228 Datasheet HTML 17Page - Analog Devices AD9228 Datasheet HTML 18Page - Analog Devices AD9228 Datasheet HTML 19Page - Analog Devices AD9228 Datasheet HTML 20Page - Analog Devices AD9228 Datasheet HTML 21Page - Analog Devices AD9228 Datasheet HTML 22Page - Analog Devices AD9228 Datasheet HTML 23Page - Analog Devices AD9228 Datasheet HTML 24Page - Analog Devices AD9228 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AD9228
Rev. 0 | Page 21 of 52
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9228 sample clock inputs
(CLK+ and CLK−) should be clocked with a differential signal.
This signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or capacitors. These pins are biased internally
and require no additional bias.
Figure 50 shows one preferred method for clocking the AD9228.
The low jitter clock source is converted from single-ended to
differential using an RF transformer. The back-to-back Schottky
diodes across the secondary transformer limit clock excursions
into the AD9228 to approximately 0.8 V p-p differential. This
helps prevent the large voltage swings of the clock from feeding
through to other portions of the AD9228 and preserves the fast
rise and fall times of the signal, which are critical to low jitter
performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSM2812
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
AD9228
MIN-CIRCUITS
ADT1–1WT, 1:1Z
XFMR
Figure 50. Transformer Coupled Differential Clock
If a low jitter clock is available, another option is to ac-couple a
differential PECL signal to the sample clock input pins as shown
in Figure 51. The AD9510/AD9511/AD9512/AD9513/AD9514/
AD9515 family of clock drivers offers excellent jitter performance.
CLOCK
INPUT
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
CLOCK
INPUT
AD9510/1/2/3/4/5
PECL DRIVER
50Ω*
50Ω*
CLK
CLK
*50Ω RESISTORS ARE OPTIONAL
CLK–
CLK+
ADC
AD9228
Figure 51. Differential PECL Sample Clock
CLOCK
INPUT
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50Ω*
CLOCK
INPUT
AD9510/1/2/3/4/5
LVDS DRIVER
50Ω*
CLK
CLK
*50Ω RESISTORS ARE OPTIONAL
CLK–
CLK+
ADC
AD9228
Figure 52. Differential LVDS Sample Clock
In some applications, it is acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
CLK+ should be directly driven from a CMOS gate, and the
CLK− pin should be bypassed to ground with a 0.1 μF capacitor
in parallel with a 39 kΩ resistor (see Figure 53). Although the
CLK+ input circuit supply is AVDD (1.8 V), this input is
designed to withstand input voltages up to 3.3 V, making the
selection of the drive logic voltage very flexible.
CLOCK
INPUT
0.1µF
0.1µF
0.1µF
39kΩ
AD9510/1/2/3/4/5
CMOS DRIVER
50Ω*
OPTIONAL
100Ω
0.1µF
CLK
CLK
*50Ω RESISTOR IS OPTIONAL
CLK–
CLK+
ADC
AD9228
Figure 53. Single-Ended 1.8 V CMOS Sample Clock
CLOCK
INPUT
0.1µF
0.1µF
0.1µF
AD9510/1/2/3/4/5
CMOS DRIVER
50Ω*
OPTIONAL
100Ω
CLK
CLK
*50Ω RESISTOR IS OPTIONAL
0.1µF
CLK–
CLK+
ADC
AD9228
Figure 54. Single-Ended 3.3 V CMOS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. As a result, these ADCs may
be sensitive to clock duty cycle. Commonly, a 5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics. The AD9228 contains a duty cycle stabilizer (DCS)
that retimes the nonsampling edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows a wide range
of clock input duty cycles without affecting the performance of
the AD9228. When the DCS is on, noise and distortion perfor-
mance are nearly flat for a wide range of duty cycles. The DCS
function cannot be turned off.
The duty cycle stabilizer uses a delay-locked loop (DLL) to
create the nonsampling edge. As a result, any changes to the
sampling frequency require approximately 10 clock cycles
to allow the DLL to acquire and lock to the new rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com