Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9381 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9381
Description  HDMI Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9381 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9381 Datasheet HTML 17Page - Analog Devices AD9381 Datasheet HTML 18Page - Analog Devices AD9381 Datasheet HTML 19Page - Analog Devices AD9381 Datasheet HTML 20Page - Analog Devices AD9381 Datasheet HTML 21Page - Analog Devices AD9381 Datasheet HTML 22Page - Analog Devices AD9381 Datasheet HTML 23Page - Analog Devices AD9381 Datasheet HTML 24Page - Analog Devices AD9381 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9381
Rev. 0 | Page 21 of 44
Hex
Address
Read/Write
or Read Only
Bits
Default Value
Register Name
Description
[3:0]
Active Format Aspect
Ratio
R [3:0].
1000 = same as picture aspect ratio.
1001 = 4:3 (center).
1010 = 16:9 (center).
1011 = 14:9 (center).
0x83
Read
[1:0]
Nonuniform Picture
Scaling
SC [1:0].
00 = no known nonuniform scaling.
01 = picture has been scaled horizontally.
10 = picture has been scaled vertically.
11 = picture has been scaled horizontally and
vertically.
0x84
Read
[6:0]
Video Identification Code
VIC [6:0] video identification code—refer to CEA
EDID short video descriptors.
0x85
Read
[3:0]
Pixel Repeat
PR [3:0]—This specifies how many times a pixel has
been repeated.
0000 = no repetition (pixel sent once).
0001 = pixel sent twice (repeated once).
0010 = pixel sent 3 times.
1001 = pixel sent 10 times.
0xA—0xF reserved.
0x86
Read
[7:0]
Active Line Start LSB
This represents the line number of the end of the
top horizontal bar. If 0, there is no horizontal bar.
Combines with Register 0x88 for a 16-bit value.
0x87
Read
[6:0]
New Data Flags
New data flags. These 8 bits are updated if any
specific data changes. Normal (no NDFs) is 0x00.
When any NDF register is read, all bits reset to 0x00.
All NDF registers contain the same data.
Bit
Data Packet Changed
0
AVI infoframe.
1
Audio infoframe.
2
SPD infoframe.
3
MPEG source infoframe.
4
ACP packets.
5
ISRC1 packets.
6
ISRC2 packets.
0x88
Read
[7:0]
Active Line Start MSB
Active line start MSB (see Register 0x86).
0x89
Read
[7:0]
Active Line End LSB
This represents the line number of the beginning of
a lower horizontal bar. If greater than the number
of active video lines, there is no lower horizontal
bar. Combines with Register 0x8A for a 16-bit value.
0x8A
Read
[7:0]
Active Line End MSB
Active line end MSB. See Register 0x89.
0x8B
Read
[7:0]
Active Pixel Start LSB
This represents the last pixel in a vertical pillar bar
at the left side of the picture. If 0, there is no left
bar. Combines with Register 0x8C for a 16-bit value.
0x8C
Read
[7:0]
Active Pixel Start MSB
Active pixel start MSB. See Register 0x8B.
0x8D
Read
[7:0]
Active Pixel End LSB
This represents the first horizontal pixel in a vertical
pillar-bar at the right side of the picture. If greater
than the maximum number of horizontal pixels,
there is no vertical bar. Combines with Register
0x8E for a16-bit value.
0x8E
Read
[7:0]
Active Pixel End MSB
Active pixel end MSB. See Register 0x8D.
0x8F
Read
[6:0]
New Data Flags
New data flags (see 0x87).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com