Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9398 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9398
Description  HDMI??Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9398 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9398 Datasheet HTML 17Page - Analog Devices AD9398 Datasheet HTML 18Page - Analog Devices AD9398 Datasheet HTML 19Page - Analog Devices AD9398 Datasheet HTML 20Page - Analog Devices AD9398 Datasheet HTML 21Page - Analog Devices AD9398 Datasheet HTML 22Page - Analog Devices AD9398 Datasheet HTML 23Page - Analog Devices AD9398 Datasheet HTML 24Page - Analog Devices AD9398 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9398
Rev. 0 | Page 21 of 44
Hex Address
Read/Write
or Read
Only
Bits
Default
Value
Register Name
Description
0x87
Read
[6:0]
New Data Flags
New data flags. These 8 bits are updated if any specific
data changes. Normal (no NDFs) is 0x00. When any NDF
register is read, all bits reset to 0x00. All NDF registers
contain the same data.
Bit Data Packet Changed
0
AVI infoframe.
1
audio infoframe.
2
SPD infoframe.
3
MPEG source infoframe.
4
ACP packets.
5
ISRC1 packets.
6
ISRC2 packets.
0x88
Read
[7:0]
Active Line Start MSB
Active line start MSB (see Register 0x86).
0x89
Read
[7:0]
Active Line End LSB
This represents the line number of the beginning of a
lower horizontal bar. If greater than the number of active
video lines, there is no lower horizontal bar. Combines
with Register 0x8A for a 16-bit value.
0x8A
Read
[7:0]
Active Line End MSB
Active line end MSB. See Register 0x89.
0x8B
Read
[7:0]
Active Pixel Start LSB
This represents the last pixel in a vertical pillar bar at the
left side of the picture. If 0, there is no left bar. Combines
with Register 0x8C for a 16-bit value.
0x8C
Read
[7:0]
Active Pixel Start MSB
Active pixel start MSB. See Register 0x8B.
0x8D
Read
[7:0]
Active Pixel End LSB
This represents the first horizontal pixel in a vertical
pillar-bar at the right side of the picture. If greater than
the maximum number of horizontal pixels, there is no
vertical bar. Combines with Register 0x8E for a16-bit
value.
0x8E
Read
[7:0]
Active Pixel End MSB
Active pixel end MSB. See Register 0x8D.
0x8F
Read
[6:0]
New Data Flags
New data flags (see 0x87).
0x90
Read
[7:0]
Audio Infoframe
Version
0x91
Read
[7:4]
Audio Coding Type
CT [3:0]. Audio coding type.
0x00 = refer to stream header.
0x01 = IEC60958 PCM.
0x02 = AC3.
0x03 = MPEG1 (Layers 1 and 2).
0x04 = MP3 (MPEG1 Layer 3).
0x05 = MPEG2 (multichannel).
0x06 = AAC.
0x07 = DTS.
0x08 = ATRAC.
[2:0]
Audio Coding Count
CC [2:0]. Audio channel count.
000 = refer to stream header.
001 = 2 channels.
010 = 3 channels.
111 = 8 channels
0x92
Read
[4:2]
Sampling Frequency
SF [2:0]. Sampling frequency.
000 = refer to stream header.
001 = 32 kHz.
010 = 44.1 kHz (CD).
011 = 48 kHz.
100 = 88.2 kHz.
101 = 96 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com