Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9461 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9461
Description  16-Bit, 130 MSPS IF Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9461 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9461 Datasheet HTML 9Page - Analog Devices AD9461 Datasheet HTML 10Page - Analog Devices AD9461 Datasheet HTML 11Page - Analog Devices AD9461 Datasheet HTML 12Page - Analog Devices AD9461 Datasheet HTML 13Page - Analog Devices AD9461 Datasheet HTML 14Page - Analog Devices AD9461 Datasheet HTML 15Page - Analog Devices AD9461 Datasheet HTML 16Page - Analog Devices AD9461 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9461
Rev. 0 | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD1 = 3.3 V, AVDD2 = 5.0 V, DRVDD = 3.3 V, rated sample rate, LVDS mode, DCS enabled, TA = 25°C, 3.4 V p-p differential
input, AIN = −1 dBFS, internal trimmed reference (nominal VREF = 1.7 V), unless otherwise noted.
0
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
16.25
32.50
48.75
65.00
FREQUENCY (MHz)
130MSPS
10.3MHz @ –1.0dBFS
SNR = 77.7dB
ENOB = 12.6 BITS
SFDR = 90dBc
Figure 12. 130 MSPS, 64k Point Single-Tone FFT, 10.3 MHz
0
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
16.25
32.50
48.75
65.00
FREQUENCY (MHz)
130MSPS
170.3MHz @ –1.0dBFS
SNR = 75.4dB
ENOB = 12.3 BITS
SFDR = 86dBc
Figure 13. 130 MSPS, 64k Point Single-Tone FFT,170.3 MHz
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
0
65536
57344
49152
40960
32768
24576
16384
8192
OUTPUT CODE
Figure 14. 130 MSPS, DNL Error vs. Output Code, 10.3 MHz
5
–5
–4
–3
–2
–1
0
1
2
3
4
0
65536
57344
49152
40960
32768
24576
16384
8192
OUTPUT CODE
Figure 15. 130 MSPS, INL Error vs. Output Code, 10.3 MHz
95
90
85
80
75
70
0
50
100
150
200
ANALOG INPUT FREQUENCY (MHz)
SNR = +25°C
SFDR = +25°C
SNR = –40°C
SFDR = –40°C
SNR = +85°C
SFDR = +85°C
Figure 16. 130 MSPS, SNR/SFDR vs. Analog Input Frequency, 3.4 V p-p
95
90
85
80
75
70
0
50
100
150
200
ANALOG INPUT FREQUENCY (MHz)
SNR = +25°C
SFDR = +25°C
SNR = –40°C
SFDR = –40°C
SNR = +85°C
SFDR = +85°C
Figure 17. 130 MSPS, SNR/SFDR vs. Analog Input Frequency,
3.4 V p-p, CMOS Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com