Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9514 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9514
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9514 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9514 Datasheet HTML 5Page - Analog Devices AD9514 Datasheet HTML 6Page - Analog Devices AD9514 Datasheet HTML 7Page - Analog Devices AD9514 Datasheet HTML 8Page - Analog Devices AD9514 Datasheet HTML 9Page - Analog Devices AD9514 Datasheet HTML 10Page - Analog Devices AD9514 Datasheet HTML 11Page - Analog Devices AD9514 Datasheet HTML 12Page - Analog Devices AD9514 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD9514
Rev. 0 | Page 9 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK = 400 MHz
350
fs rms
Calculated from SNR of ADC method
LVDS (OUT2) = 100 MHz
Divide = 4
Both LVPECL = 50 MHz
Interferer(s)
CMOS OUTPUT ADDITIVE TIME JITTER
Delay off
CLK = 400 MHz
290
fs rms
Calculated from SNR of ADC method
CMOS (OUT2) = 100 MHz
OUT0 at same frequency; OUT1 off
Divide = 4
CLK = 400 MHz
315
fs rms
Calculated from SNR of ADC method
CMOS (OUT2) = 100 MHz
Divide = 4
Both LVPECL = 50 MHz
Interferer(s)
DELAY BLOCK ADDITIVE TIME JITTER1
100 MHz output; incremental additive jitter
Delay FS = 1.5 ns Fine Adj. 00000
0.71
ps rms
Delay FS = 1.5 ns Fine Adj. 11111
1.2
ps rms
Delay FS = 5 ns Fine Adj. 00000
1.3
ps rms
Delay FS = 5 ns Fine Adj. 11111
2.7
ps rms
Delay FS = 10 ns Fine Adj. 00000
2.0
ps rms
Delay FS = 10 ns Fine Adj. 11111
2.8
ps rms
1 This value is incremental. That is, it is in addition to the jitter of the LVDS or CMOS output without the delay. To estimate the total jitter, the LVDS or CMOS output jitter
should be added to this value using the root sum of the squares (RSS) method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com