Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9510-VCO/PCB Datasheet(PDF) 53 Page - Analog Devices

Part # AD9510-VCO/PCB
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9510-VCO/PCB Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9510-VCO/PCB Datasheet HTML 49Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 50Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 51Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 52Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 53Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 54Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 55Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 56Page - Analog Devices AD9510-VCO/PCB Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
AD9510
Rev. A | Page 53 of 60
Reg.
Addr.
(Hex) Bit(s) Name
Description
(3F)
(OUT2)
(OUT3)
<3>
<2>
Output Voltage (mV)
0
0
500
0
1
340
1
0
810 (Default)
1
1
660
3C
<7:4>
Not Used
(3D)
(3E)
(3F)
40
<0>
Power-Down
Power-Down Bit for Both Output and LVDS Driver
0 = LVDS/CMOS on (Default)
1 = LVDS/CMOS Power-Down
(41)
LVDS/CMOS
(42)
OUT4
(43)
(OUT5)
(OUT6)
(OUT7)
40
<2:1> Output Current
Level
(41)
LVDS
(42)
OUT4
(43)
(OUT5)
(OUT6)
(OUT7)
<2>
<1>
Current (mA)
Termination (Ω)
0
0
1.75
100
0
1
3.5 (Default)
100
1
0
5.25
50
1
1
7
50
40
<3>
LVDS/CMOS Select 0 = LVDS (Default)
1 = CMOS
(41)
OUT4
(42)
(OUT5)
(43)
(OUT6)
(OUT7)
<4>
Inverted CMOS
Driver
Effects Output Only when in CMOS Mode
0 = Disable Inverted CMOS Driver (Default)
1 = Enable Inverted CMOS Driver
40
OUT4
(41)
(OUT5)
(42)
(OUT6)
(43)
(OUT7)
40
<7:5>
Not Used
(41)
(42)
(43)
44
<7:0>
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com