Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9515BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9515BCPZ
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9515BCPZ Datasheet HTML 9Page - Analog Devices AD9515BCPZ Datasheet HTML 10Page - Analog Devices AD9515BCPZ Datasheet HTML 11Page - Analog Devices AD9515BCPZ Datasheet HTML 12Page - Analog Devices AD9515BCPZ Datasheet HTML 13Page - Analog Devices AD9515BCPZ Datasheet HTML 14Page - Analog Devices AD9515BCPZ Datasheet HTML 15Page - Analog Devices AD9515BCPZ Datasheet HTML 16Page - Analog Devices AD9515BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD9515
Rev. 0 | Page 13 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VS
2
CLK
3
CLKB
4
VS
5
SYNCB
6
VREF
7
S10
8
S9
18 OUT1B
19 OUT1
20 VS
21 VS
22 OUT0B
23 OUT0
24 VS
17 VS
TOP VIEW
(Not to Scale)
AD9515
Figure 6. 32-Lead LFCSP Pin Configuration
1
32
8
9
25
24
16
17
THE EXPOSED PADDLE
IS AN ELECTRICAL AND
THERMAL CONNECTION
EXPOSED PAD
(BOTTOM VIEW)
GND
Figure 7. Exposed Paddle
Note that the exposed paddle on this package is an electrical connection as well as a thermal enhancement. For the device to
function properly, the paddle must be soldered to a PCB land that functions as both a heat dissipation path as well as an electrical
ground (analog).
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4, 17, 20, 21, 24, 26, 29, 30
VS
Power Supply (3.3 V).
2
CLK
Clock Input.
3
CLKB
Complementary Clock Input. Used in conjunction with CLK.
5
SYNCB
Used to Synchronize the Outputs; Active Low Signal.
6
VREF
Provides 2/3 VS Reference Voltage for Use with Programming Pins S0 to S10.
7 to 16, 25
S0 to S10
Programming Pins. These pins determine the operation of the AD9515; 4-state logic.
18
OUT1B
Complementary LVDS/Inverted CMOS Output. Includes a delay block.
19
OUT1
LVDS/CMOS Output. Includes a delay block.
22
OUT0B
Complementary LVPECL Output.
23
OUT0
LVPECL Output.
27, 28
DNC
Do Not Connect.
31, Exposed Paddle
GND
Ground. The exposed paddle on the back of the chip is also GND.
32
RSET
Current Sets Resistor to Ground. Nominal value = 4.12 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com