Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9515/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9515/PCB
Description  1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9515/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9515/PCB Datasheet HTML 6Page - Analog Devices AD9515/PCB Datasheet HTML 7Page - Analog Devices AD9515/PCB Datasheet HTML 8Page - Analog Devices AD9515/PCB Datasheet HTML 9Page - Analog Devices AD9515/PCB Datasheet HTML 10Page - Analog Devices AD9515/PCB Datasheet HTML 11Page - Analog Devices AD9515/PCB Datasheet HTML 12Page - Analog Devices AD9515/PCB Datasheet HTML 13Page - Analog Devices AD9515/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9515
Rev. 0 | Page 10 of 28
POWER
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER-ON SYNCHRONIZATION1
35
ms
See the Power-On SYNC section.
VS Transit Time from 2.2 V to 3.1 V
POWER DISSIPATION
215
285
380
mW
Both outputs on. LVPECL (divide = 2), LVDS (divide = 2). No clock.
Does not include power dissipated in external resistors.
300
370
465
mW
Both outputs on. LVPECL (divide = 2), CMOS (divide = 2);
at 62.5 MHz out (5 pF load).
330
405
510
mW
Both outputs on. LVPECL, CMOS (divide = 2);
at 125 MHz out (5 pF load).
POWER DELTA
Divider (Divide = 2 to Divide = 1)
15
30
45
mW
For each divider. No clock.
LVPECL Output
65
90
125
mW
For each output. No clock.
LVDS Output
20
50
85
mW
No clock.
CMOS Output (Static)
30
40
50
mW
No clock.
CMOS Output (@ 62.5 MHz)
80
110
140
mW
Single-ended. At 62.5 MHz out with 5 pF load.
CMOS Output (@ 125 MHz)
110
150
190
mW
Single-ended. At 125 MHz out with 5 pF load.
Delay Block
30
45
65
mW
Off to 1.5 ns fs, delay word = 60; output clocking at 62.5 MHz.
1 This is the rise time of the VS supply that is required to ensure that a synchronization of the outputs occurs on power-up. The critical factor is the time it takes the VS to
transition the range from 2.2 V to 3 .1 V. If the rise time is too slow, the outputs will not be synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com