Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3D03060F Datasheet(PDF) 3 Page - WOLFSPEED, INC.

Part # C3D03060F
Description  Silicon Carbide Schottky Diode Z-Rec® Rectifier (Full-Pak)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D03060F Datasheet(HTML) 3 Page - WOLFSPEED, INC.

  C3D03060F Datasheet HTML 1Page - WOLFSPEED, INC. C3D03060F Datasheet HTML 2Page - WOLFSPEED, INC. C3D03060F Datasheet HTML 3Page - WOLFSPEED, INC. C3D03060F Datasheet HTML 4Page - WOLFSPEED, INC. C3D03060F Datasheet HTML 5Page - WOLFSPEED, INC. C3D03060F Datasheet HTML 6Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
C3D03060F Rev. F, 02-2019
6
8
10
12
14
16
18
10% Duty
20% Duty
30% Duty
50% Duty
70% Duty
DC
0
2
4
6
25
50
75
100
125
150
175
Figure 3. Current Derating
Figure 4. Power Derating
6
8
10
12
14
0
2
4
25
50
75
100
125
150
175
Figure 5. Total Capacitance Charge vs. Reverse Voltage
Figure 6. Capacitance vs. Reverse Voltage
Typical Performance
4
6
8
10
12
Conditions:
TJ = 25 °C
0
2
4
0
100
200
300
400
500
600
700
Reverse Voltage, VR (V)
60
80
100
120
140
160
180
Conditions:
TJ = 25 °C
Ftest = 1 MHz
Vtest = 25 mV
0
20
40
60
0
1
10
100
1000
Reverse Voltage, VR (V)
T
C ˚C
T
C ˚C
V
R (V)
V
R (V)
0
5
10
15
20
25
30
25
50
75
100
125
150
175
TC (°C)
10% Duty
20% Duty
30% Duty
50% Duty
70% Duty
DC
T
C ˚C
0
5
10
15
20
25
30
25
50
75
100
125
150
175
TC(°C)
T
C ˚C
4
6
8
10
12
Conditions:
TJ = 25 °C
0
2
4
0
100
200
300
400
500
600
700
Reverse Voltage, VR (V)
V
R (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com