Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9942 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9942
Description  Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9942 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9942 Datasheet HTML 9Page - Analog Devices AD9942 Datasheet HTML 10Page - Analog Devices AD9942 Datasheet HTML 11Page - Analog Devices AD9942 Datasheet HTML 12Page - Analog Devices AD9942 Datasheet HTML 13Page - Analog Devices AD9942 Datasheet HTML 14Page - Analog Devices AD9942 Datasheet HTML 15Page - Analog Devices AD9942 Datasheet HTML 16Page - Analog Devices AD9942 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD9942
Rev. A | Page 13 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
1.0
0.5
0
–0.5
–1.0
0
4000
8000
12000
16000
ADC OUTPUT CODE
Figure 8. DNL for Channel A and Channel B
10
–20
–15
–10
–5
0
5
16000
14000
12000
10000
8000
6000
4000
2000
DAC OUTPUT CODE
Figure 9. INL Performance for Channel A and Channel B
1.015
0.995
1.000
1.005
1.010
16000
14000
12000
10000
8000
6000
4000
2000
ADC OUTPUT CODE
–25°C
+25°C
+85°C
Figure 10. Noncalibrated Channel A/Channel B Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com