Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3D08060A Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # C3D08060A
Description  C3D08060A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

C3D08060A Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  C3D08060A Datasheet HTML 1Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 2Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 3Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 4Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 5Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 6Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 7Page - WOLFSPEED, INC. C3D08060A Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300 | wolfspeed.com/power
Rev. 9, January 2023
C3D08060A
Package Types: TO-220-2
Marking: C3D08060A
Features
• Low Forward Voltage (V
F) Drop with Positive
Temperature Coefficient
• Zero Reverse Recovery Current / Forward
Recovery Voltage
• Temperature-Independent Switching Behavior
Applications
• Industrial Switched Mode Power Supplies
• Uninterruptible & AUX Power Supplies
• Boost for PFC & DC-DC Stages
• Solar Inverters
Description
With the performance advantages of a Silicon Carbide (SiC)
Schottky Barrier diode, power electronics systems can expect
to meet higher efficiency standards than Si-based solutions,
while also reaching higher frequencies and power densities.
SiC diodes can be easily paralleled to meet various application
demands, without concern of thermal runaway. In combination
with the reduced cooling requirements and improved thermal
performance of SiC products, SiC diodes are able to provide
lower overall system costs in a variety of diverse applications.
Maximum Ratings (T
C = 25°C Unless Otherwise Specified)
Parameter
Symbol
Value
Unit
Test Conditions
Notes
Repetitive Peak Reverse Voltage
V
RRM
600
V
DC Blocking Voltage
V
DC
600
Continuous Forward Current
I
F
24
A
T
J = 25 °C
Fig. 3
11
T
J = 135 °C
8
T
J = 152 °C
Repetitive Peak Forward Surge
Current
I
FRM
37.5
T
C = 25 °C, tp = 10 ms, Half Sine Wave
25.5
T
C = 110 °C, tp = 10 ms, Half Sine Wave
Non-Repetitive Forward Surge
Current
I
FSM
71
T
C = 25 °C, tp = 10 ms, Half Sine Wave
Fig. 8
60
T
C = 110 °C, tp = 10 ms, Half Sine Wave
Non-Repetitive Peak Forward
Surge Current
I
F,Max
650
T
C = 25 °C, tp = 10 µs, Pulse
530
T
C = 110 °C, tp = 10 µs, Pulse
Power Dissipation
P
tot
107
W
T
J = 25 °C
Fig. 4
46.5
T
J = 110 °C


Similar Part No. - C3D08060A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3D08060A CREE-C3D08060A Datasheet
291Kb / 2P
Z-RecTM Rectifiers and Zero-Recovery® Rectifiers
C3D08060A CREE-C3D08060A_15 Datasheet
862Kb / 6P
Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com