Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9981 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9981
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9981 Datasheet HTML 9Page - Analog Devices AD9981 Datasheet HTML 10Page - Analog Devices AD9981 Datasheet HTML 11Page - Analog Devices AD9981 Datasheet HTML 12Page - Analog Devices AD9981 Datasheet HTML 13Page - Analog Devices AD9981 Datasheet HTML 14Page - Analog Devices AD9981 Datasheet HTML 15Page - Analog Devices AD9981 Datasheet HTML 16Page - Analog Devices AD9981 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD9981
Rev. 0 | Page 13 of 44
Negative target codes are included in order to duplicate a fea-
ture that is present with manual offset adjustment. The benefit
that is being mimicked is the ability to easily adjust brightness
on a display. By setting the target code to a value that does not
correspond to the ideal ADC range, the end result is an image
that is either brighter or darker. A target code higher than ideal
results in a brighter image, while a target code lower than ideal
results in a darker image.
The ability to program a target code gives a large degree of
freedom and flexibility. While in most cases all channels are set
to either 1 or 512, the flexibility to select other values allows the
possibility of inserting intentional skews between channels. It
also allows the ADC range to be skewed so that voltages outside
of the normal range can be digitized. For example, setting the
target code to 40 allows the sync tip, which is normally below
black level, to be digitized and evaluated.
The internal logic for the auto-offset circuit requires 16 data
clock cycles to perform its function. This operation is executed
immediately after the clamping pulse. Therefore, it is important
to end the clamping pulse signal at least 16 data clock cycles
before active video. This is true whether using the AD9981’s
internal clamp circuit or an external clamp signal. The auto-
offset function can be programmed to run continuously or on a
one-time basis (see auto-offset hold, Register 0x2C, Bit 4). In
continuous mode, the update frequency can be programmed
(Register 0x1B, Bits [4:3]). Continuous operation with updates
every 64 Hsyncs is recommended.
A guideline for basic auto-offset operation is shown in Table 5
and Table 6.
Table 5. RGB Auto-Offset Register Settings
Register
Value
Comments
0x0B
0x00
Sets red target to 4
0x0C
0x80
Must be written
0x0D
0x00
Sets green target to 4
0x0E
0x80
Must be written
0x0F
0x00
Sets blue target to 4
0x10
0x80
Must be written
0x18, Bits [3:1]
000
Sets red, green, and blue
channels to ground clamp
0x1B, Bit [5:3]
110
Selects update rate and
enables auto-offset.
Table 6. PbPr Auto-Offset Register Settings
Register
Value
Comments
0x0B
0x40
Sets Pr (red) target to 512
0x0C
0x00
Must be written
0x0D
0x00
Sets Y (green) target to 4
0x0E
0x80
Must be written
0x0F
0x40
Sets Pb (blue) target to 512
0x10
0x00
Must be written
0x18 Bits [3:1]
101
Sets Pb, Pr to midscale clamp
and Y to ground clamp
0x1B, Bit [5:3]
110
Selects update rate and
enables auto-offset.
Sync-on-Green
The sync-on-green input operates in two steps. First, it sets a
baseline clamp level off of the incoming video signal with a
negative peak detector. Second, it sets the sync trigger level to
a programmable (Register 0x1D, Bits [7:3]) level (typically
128 mV) above the negative peak. The sync-on-green input
must be ac-coupled to the green analog input through its own
capacitor. The value of the capacitor must be 1 nF ±20%. If
sync-on-green is not used, this connection is not required. The
sync-on-green signal always has negative polarity.
RAIN
BAIN
GAIN
SOG
47nF
47nF
47nF
1nF
Figure 4. Typical Input Configuration
Reference Bypassing
REFLO and REFHI are connected to each other by a 10 µF
capacitor. REFCM is connected to ground by a 10 µF capacitor.
These references are used by the input PGA circuitry.
REFHI
REFLO
REFCM
10
µF
10
µF
Figure 5. Input Amplifier Reference Capacitors
Clock Generation
A PLL is used to generate the pixel clock. The Hsync input
provides a reference frequency to the PLL. A voltage-
controlled oscillator (VCO) generates a much higher pixel clock
frequency. The pixel clock is divided by the PLL divide value
(Register 0x01 and Register 0x02) and phase-compared with the
Hsync input. Any error is used to shift the VCO frequency and
maintain lock between the two signals.
The stability of this clock is a very important element in
providing the clearest and most stable image. During each pixel
time, there is a period when the signal is slewing from the old
pixel amplitude and settling at its new value. Then there is a
time when the input voltage is stable, before the signal must
slew to a new value (see Figure 6). The ratio of the slewing time
to the stable time is a function of the bandwidth of the graphics
DAC and the bandwidth of the transmission system (cable and
termination). It is also a function of the overall pixel rate.
Clearly, if the dynamic characteristics of the system remain
fixed, then the slewing and settling time is likewise fixed. This
time must be subtracted from the total pixel period, leaving the
stable period. At higher pixel frequencies, the total cycle time is
shorter and the stable pixel time also becomes shorter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com