Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9985A Datasheet(PDF) 13 Page - Analog Devices

Part # AD9985A
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985A Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9985A Datasheet HTML 9Page - Analog Devices AD9985A Datasheet HTML 10Page - Analog Devices AD9985A Datasheet HTML 11Page - Analog Devices AD9985A Datasheet HTML 12Page - Analog Devices AD9985A Datasheet HTML 13Page - Analog Devices AD9985A Datasheet HTML 14Page - Analog Devices AD9985A Datasheet HTML 15Page - Analog Devices AD9985A Datasheet HTML 16Page - Analog Devices AD9985A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9985A
Rev. 0 | Page 13 of 32
the output of each ADC during the back porch of the input
signals, the AD9985A can self-adjust to eliminate any offset
errors in its own ADC channels, as well as any offset errors
present on the incoming graphics or video signals.
To activate the auto offset mode, set Register 0x1D, Bit 7 to 1.
Next, the target code registers (0x19 through 0x1B) must be
programmed. The values programmed into the target code
registers should be the output code desired from the AD9985A
during the back porch reference time. For example, for RGB
signals, all three registers are normally programmed to code 1,
while for YPbPr signals, the green (Y) channel is normally
programmed to code 1, and the blue and red channels (Pb and
Pr) are normally set to 128. Any target code value between 1
and 254 can be set, although the AD9985A’s offset range may
not be able to reach every value. Intended target code values
range from (but are not limited to) 1 to 40 when ground
clamping, and 90 to 170 when midscale clamping.
The ability to program a target code for each channel gives
users a large degree of freedom and flexibility. While in most
cases all channels are set either to 1 or 128, the flexibility to
select other values allows the possibility of inserting intentional
skews between channels. It also allows the ADC range to be
skewed so that voltages outside of the normal range can be
digitized. For example, setting the target code to 40 allows the
sync tip, which is normally below black level, to be digitized and
evaluated.
Lastly, when in auto offset mode, the manual offset registers
(0x0B to 0x0D) have new functionality. The values in these
registers are digitally added to the value of the ADC output. The
purpose of doing this is to match a benefit that is present with
manual offset adjustment. Adjusting these registers is an easy
way to make brightness adjustments. Although some signal
range is lost with this method, it has proven to be a very
popular function. In order to be able to increase and decrease
brightness, the values in these registers in this mode are signed
twos complement. The digital adder is only used in auto offset
mode. Although it cannot be disabled, setting the offset
registers to all 0s effectively disables it by always adding 0.
SYNC-ON-GREEN
The sync-on-green input operates in two steps. First, it sets a
baseline clamp level off of the incoming video signal with a
negative peak detector. Second, it sets the sync trigger level to a
programmable level (typically 150 mV) above the negative
peak. The sync-on-green input must be ac-coupled to the green
analog input through its own capacitor, as shown in Figure 5.
The value of the capacitor must be 1 nF ±20%. If sync-on-green
is not used, this connection is not required. The sync-on-green
signal is always negative polarity.
RIN
BIN
GIN
SOG
47nF
47nF
47nF
1nF
Figure 5. Typical Clamp Configuration
CLOCK GENERATION
A phase-locked loop (PLL) is used to generate the pixel clock.
In this PLL, the Hsync input provides a reference frequency. A
voltage controlled oscillator (VCO) generates a much higher
pixel clock frequency. This pixel clock is divided by the PLL
divide value (Register 0x01 and Register 0x02) and phase
compared with the Hsync input. Any error is used to shift the
VCO frequency and maintain lock between the two signals.
The stability of this clock is a very important element in provid-
ing the clearest and most stable image. During each pixel time,
there is a period during which the signal is slewing from the old
pixel amplitude and settling at its new value. Then, there is a
time when the input voltage is stable before the signal must slew
to a new value (Figure 6). The ratio of the slewing time to the
stable time is a function of the bandwidth of the graphics DAC
and the bandwidth of the transmission system (cable and
termination). It is also a function of the overall pixel rate.
Clearly, if the dynamic characteristics of the system remain
fixed, the slewing and settling time is, likewise, fixed. This time
must be subtracted from the total pixel period, leaving the
stable period. At higher pixel frequencies, the total cycle time is
shorter, and the stable pixel time also becomes shorter.
PIXEL CLOCK
INVALID SAMPLE TIMES
Figure 6. Pixel Sampling Times
Any jitter in the clock reduces the precision with which the
sampling time can be determined, and must also be subtracted
from the stable pixel time.
Considerable care has been taken in the design of the
AD9985A’s clock generation circuit to minimize jitter. As shown
in Figure 7, the clock jitter of the AD9985A is less than 5% of
the total pixel time in all operating modes, making the
reduction in the valid sampling time negligible due to jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com