Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9981/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9981/PCB
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9981/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9981/PCB Datasheet HTML 25Page - Analog Devices AD9981/PCB Datasheet HTML 26Page - Analog Devices AD9981/PCB Datasheet HTML 27Page - Analog Devices AD9981/PCB Datasheet HTML 28Page - Analog Devices AD9981/PCB Datasheet HTML 29Page - Analog Devices AD9981/PCB Datasheet HTML 30Page - Analog Devices AD9981/PCB Datasheet HTML 31Page - Analog Devices AD9981/PCB Datasheet HTML 32Page - Analog Devices AD9981/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD9981
Rev. 0 | Page 29 of 44
DETAILED 2-WIRE SERIAL CONTROL REGISTER DESCRIPTIONS
CHIP IDENTIFICATION
0x00
7:0
Chip Revision
An 8-bit register that represents the silicon revision.
PLL DIVIDER CONTROL
0x01
7:0
PLL Divide Ratio MSBs
The eight MSBs of the 12-bit PLL divide ratio PLLDIV.
The PLL derives a pixel clock from the incoming
Hsync signal. The pixel clock frequency is then
divided by an integer value, such that the output is
phase-locked to Hsync. This PLLDIV value
determines the number of pixel times (pixels plus
horizontal blanking overhead) per line. This is
typically 20% to 30% more than the number of active
pixels in the display.
The 12-bit value of the PLL divider supports divide
ratios from 2 to 4095 as long as the output frequency
is within range. The higher the value loaded in this
register, the higher the resulting clock frequency with
respect to a fixed Hsync frequency.
VESA has established some standard timing specifi-
cations, which will assist in determining the value for
PLLDIV as a function of horizontal and vertical
display resolution and frame rate (see Table 9).
However, many computer systems do not conform
precisely to the recommendations and these numbers
should be used only as a guide. The display system
manufacturer should provide automatic or manual
means for optimizing PLLDIV. An incorrectly set
PLLDIV usually produces one or more vertical noise
bars on the display. The greater the error, the greater
the number of bars produced.
The power-up default value of PLLDIV is 1693.
PLLDIVM = 0x69, PLLDIVL = 0xDX.
The AD9981 updates the full divide ratio only when
the LSBs are written. Writing to this register by itself
does not trigger an update.
0x02
7:4
PLL Divide Ratio LSBs
The four LSBs of the 12-bit PLL divide ratio PLLDIV.
The power-up default value of PLLDIV is 1693.
PLLDIVM = 0x69, PLLDIVL = 0xDX.
CLOCK GENERATOR CONTROL
0x03
7:6
VCO Range Select
Two bits that establish the operating range of the clock
generator. VCORNGE must be set to correspond to
the desired operating frequency (incoming pixel rate).
The PLL gives the best jitter performance at high
frequencies. For this reason, in order to output low
pixel rates and still get good jitter performance, the
PLL actually operates at a higher frequency but then
divides down the clock rate afterwards. See Table 13
for the pixel rates for each VCO range setting. The
PLL output divisor is automatically selected with the
VCO range setting. The power-up default value is 01.
Table 13. VCO Ranges
VCO Range
Pixel Rates
00
10 to 21
01
21 to 42
10
42 to 84
11
84 to 95
0x03
5:3
Charge Pump Current
Three bits that establish the current driving the loop
filter in the clock generator. The current must be set to
correspond with the desired operating frequency. The
power-up default value is current = 001.
Table 14. Charge Pump Currents
Ip2
Ip1
Ip0
Current
0
0
0
50
0
0
1
100
0
1
0
150
0
1
1
250
1
0
0
350
1
0
1
500
1
1
0
750
1
1
1
1500
0x03
2
External Clock Enable
This bit determines the source of the pixel clock.
Table 15. External Clock Select Settings
EXTCLK
Function
0
Internally generated clock
1
Externally provided clock signal
A Logic 0 enables the internal PLL that generates the
pixel clock from an externally provided Hsync.
A Logic 1 enables the external EXTCLK input pin. In
this mode, the PLL Divide Ratio (PLLDIV) is ignored.
The clock phase adjust (PHASE) is still functional.
The power-up default value is EXTCLK = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com