Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9889B/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9889B/PCB
Description  High Performance HDMI/DVI Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9889B/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9889B/PCB Datasheet HTML 3Page - Analog Devices AD9889B/PCB Datasheet HTML 4Page - Analog Devices AD9889B/PCB Datasheet HTML 5Page - Analog Devices AD9889B/PCB Datasheet HTML 6Page - Analog Devices AD9889B/PCB Datasheet HTML 7Page - Analog Devices AD9889B/PCB Datasheet HTML 8Page - Analog Devices AD9889B/PCB Datasheet HTML 9Page - Analog Devices AD9889B/PCB Datasheet HTML 10Page - Analog Devices AD9889B/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Technical Data
AD9889B
Rev. PrA | Page 7 of 12
A
B
C
D
E
F
G
J
H
K
10
8
7
6
3
2
1
95
4
BOTTOM VIEW
(Not to Scale)
Figure 4. 76-Ball BGA Configuration (Top View)
Table 3. Pin Function Descriptions
Pin No.
BGA
LFCSP
LQFP
Mnemonic
Type1
Description
A1 to A10, B1 to
B10, C9, C10,
D9, D10
39 to 47,
50 to 63, 2
50 to 58, 65 to
78, 2
D[23:0]
I
Video Data Input. Digital input in RGB or YCbCr format. Supports
CMOS logic levels from 1.8 V to 3.3 V.
D1
6
6
CLK
I
Video Clock Input. Supports CMOS logic levels from 1.8 V
to 3.3 V.
C2
3
3
DE
I
Data Enable Bit for Digital Video. Supports CMOS logic levels
from 1.8 V to 3.3 V.
C1
4
4
HSYNC
I
Horizontal Sync Input. Supports CMOS logic levels from 1.8 V
to 3.3 V.
D2
5
5
VSYNC
I
Vertical Sync Input. Supports CMOS logic levels from 1.8 V
to 3.3 V.
J3
18
23
EXT_SW
I
Sets internal reference currents. Place 887 Ω resistor (1%
tolerance) between this pin and ground.
K3
20
25
HPD
I
Hot Plug Detect Signal. This indicates to the interface
whether the receiver is connected. 1.8 V to 5.0 V CMOS logic
level.
E2
7
7
S/PDIF
I
S/PDIF (Sony/Philips Digital Interface) Audio Input. This is the
audio input from a Sony/Philips digital interface. Supports
CMOS logic levels from 1.8 V to 3.3 V.
E1
8
8
MCLK
I
Audio Reference Clock. 128 × N × fS with N = 1, 2, 3, or 4. Set
to 128 × sampling frequency (fS), 256 × fS, 384 × fS, or 512 × fS.
1.8 V to 3.3 V CMOS logic level.
F2, F1, G2, G1
9 to 12
9 to 12
I2S[3:0]
I
I2S Audio Data Inputs. These represent the eight channels of
audio (two per input) available through I2S. Supports CMOS
logic levels from 1.8 V to 3.3 V.
H2
13
13
SCLK
I
I2S Audio Clock. Supports CMOS logic levels from 1.8 V to 3.3 V.
H1
14
14
LRCLK
I
Left/Right Channel Selection. Supports CMOS logic levels
from 1.8 V to 3.3 V.
J72
262
332
PD/A0
I
Power-Down Control and I2C Address Selection. The I2C
address and the PD polarity are set by the PD/A0 pin state
when the supplies are applied to the AD9889B. 1.8 V to 3.3 V
CMOS logic level.
K1, K2
21, 22
27, 28
TxC−/TxC+
O
Differential Clock Output. Differential clock output at pixel
clock rate; TMDS logic level.
K10, J10
30, 31
37, 38
Tx2−/Tx2+
O
Differential Output Channel 2. Differential output of the red
data at 10× the pixel clock rate; TMDS logic level.
K7, K8
27, 28
34, 35
Tx1−/Tx1+
O
Differential Output Channel 1. Differential output of the
green data at 10× the pixel clock rate; TMDS logic level.
K4, K5
24, 25
30, 31
Tx0−/Tx0+
O
Differential Output Channel 0. Differential output of the blue
data at 10× the pixel clock rate; TMDS logic level.
H10
32
40
INT
O
Interrupt. Open drain. A 2 kΩ pull-up resistor to the
microcontroller I/O supply is recommended.
J2, J5, J8, K9
19, 23, 29
24, 29, 36, 41
AVDD
P
1.8 V Power Supply for TMDS Outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com