Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPE-755 Datasheet(PDF) 1 Page - CUI Devices

Part # CPE-755
Description  PIEZO BUZZER INDICATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CPE-755 Datasheet(HTML) 1 Page - CUI Devices

  CPE-755 Datasheet HTML 1Page - CUI Devices CPE-755 Datasheet HTML 2Page - CUI Devices CPE-755 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CPE-755 | DESCRIPTION: PIEZO BUZZER INDICATOR
cuidevices.com
FEATURES
• through-hole tabs
• threaded body
• 12 Vdc rating
• 3.6 kHz rated frequency
• selectable constant/fast pulse
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
12
Vdc
operating voltage
6
28
Vdc
current consumption
continuous, rated voltage
fast pulse, rated voltage
7
6
mA
mA
rated frequency
3,100
3,600
4,100
Hz
sound pressure level
at 30 cm, rated voltage
continuous tone
fast pulse tone
85
80
dB
dB
tone
continuous
fast pulse at rated voltage (3.0 ±20% Hz)
dimensions
Ø37.8 x 23.5
mm
weight
18.5
g
material
ABS UL94 1/16” HB (grey)
terminal
solder tabs (gold plating)
operating temperature
-30
85
°C
storage temperature
-40
95
°C
hand soldering
maximum 3 seconds
330
350
370
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CPE-755

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-755 CUI-CPE-755 Datasheet
253Kb / 5P
5panel mount piezo indicators
CPE-755P CUI-CPE-755P Datasheet
211Kb / 5P
panel mount piezo indicators
logo
CUI Devices
CPE-755P CUID-CPE-755P Datasheet
629Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
logo
CUI INC
CPE-755S CUI-CPE-755S Datasheet
242Kb / 5P
panel mount piezo indicators
logo
CUI Devices
CPE-755S CUID-CPE-755S Datasheet
683Kb / 3P
PIEZO BUZZER INDICATOR
08/05/2022
More results

Similar Description - CPE-755

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPI-2825-85PM CUI-CPI-2825-85PM Datasheet
294Kb / 4P
PIEZO BUZZER INDICATOR
CPI-4116-90PM CUI-CPI-4116-90PM Datasheet
284Kb / 4P
PIEZO BUZZER INDICATOR
CPI-5029-105T CUI-CPI-5029-105T Datasheet
292Kb / 4P
PIEZO BUZZER INDICATOR
CEP-2250 CUI-CEP-2250_V01 Datasheet
456Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPE-351 CUI-CPE-351_V01 Datasheet
333Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPE-353 CUI-CPE-353_V01 Datasheet
345Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPI-4116-81PM CUI-CPI-4116-81PM Datasheet
315Kb / 4P
PIEZO BUZZER INDICATOR
01/02/2020
CPE-244 CUI-CPE-244_V01 Datasheet
399Kb / 3P
PIEZO BUZZER INDICATOR
12/16/2019
CEP-2260A CUI-CEP-2260A_V01 Datasheet
378Kb / 3P
PIEZO BUZZER INDICATOR
11/13/2019
CPI-2316-85T CUI-CPI-2316-85T_V01 Datasheet
322Kb / 4P
PIEZO BUZZER INDICATOR
12/19/2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com