Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4417-3ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4417-3ARMZ-R7
Description  Integrated Triple Video Filter for High Definition Video
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4417-3ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4417-3ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADA4417-3ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADA4417-3
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Default Conditions: VS = 5 V, TA = 25°C, VO = 2 V p-p, G = +2, RT = 0 Ω (see Figure 25), RL = 150 Ω, DCO = 1, unless otherwise noted.
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
500
FREQUENCY (MHz)
BLACK LINE: VS = 3.3V
GRAY LINE: VS = 5V
Figure 4. Frequency Response vs. Supply
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
500
FREQUENCY (MHz)
BLACK LINE: RL = 75Ω
GRAY LINE: RL = 150Ω
Figure 5. Frequency Response vs. Load
9
–48
–45
–42
–39
–36
–33
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
1
10
100
500
FREQUENCY (MHz)
–40°C (5V)
+25°C (5V)
+85°C (5V)
Figure 6. Frequency Response vs. Temperature
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
110
FREQUENCY (MHz)
100
BLACK LINE: VS = 3.3V
GRAY LINE: VS = 5V
Figure 7. Flatness Response vs. Supply
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
110
FREQUENCY (MHz)
100
BLACK LINE: RL = 75Ω
GRAY LINE: RL = 150Ω
Figure 8. Flatness Response vs. Load
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
110
FREQUENCY (MHz)
100
–40°C (5V)
+25°C (5V)
+85°C (5V)
Figure 9. Flatness Response vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com