Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1YKSZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4430-1YKSZ-R7
Description  Ultralow Power Video Filter with Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4430-1YKSZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4430-1YKSZ-R7 Datasheet HTML 6Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 7Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 8Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 9Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 10Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 11Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 12Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 13Page - Analog Devices ADA4430-1YKSZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4430-1
Rev. A | Page 10 of 16
TEST CIRCUITS
2.6kΩ
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
PD
VS+
ADA4430-1
1
2
3
4
5
6
118Ω
RL = 150Ω
50Ω
86.6Ω
0.1µF
TEST GENERATOR
VS+
50Ω
50Ω
TEST RECEIVER
0.5V
×1
Figure 25. Test Circuit Used for Frequency Sweeps and Time-Domain Tests
2.6kΩ
2.6kΩ
2.6kΩ
1.3kΩ
SAG
GND
VIN
VOUT
ADA4430-1
1
2
3
4
5
6
75Ω
RL = 150Ω
75Ω
0.1µF
TEST GENERATOR
PD
VS+
VS+
75Ω
150Ω
150Ω
TEST RECEIVER
1.0V
220µF
×1
Figure 26. Test Circuit Used for Differential Gain, Differential Phase, and Noise Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com