Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4850-2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4850-2 Datasheet HTML 8Page - Analog Devices ADA4850-2 Datasheet HTML 9Page - Analog Devices ADA4850-2 Datasheet HTML 10Page - Analog Devices ADA4850-2 Datasheet HTML 11Page - Analog Devices ADA4850-2 Datasheet HTML 12Page - Analog Devices ADA4850-2 Datasheet HTML 13Page - Analog Devices ADA4850-2 Datasheet HTML 14Page - Analog Devices ADA4850-2 Datasheet HTML 15Page - Analog Devices ADA4850-2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 13 of 16
6.5
–1.5
0
100
TIME (ns)
5.5
4.5
3.5
2.5
1.5
0.5
–0.5
10
20
30
40
50
60
70
80
90
VS = 5V
G = –1
RL = 1kΩ
INPUT
VOLTAGE
EDGES
VOUT = +2.5V TO 0V
VOUT = –2.5V TO 0V
Figure 40. Overload Recovery
OPERATING THE ADA4850-1/ADA4850-2 ON
BIPOLAR SUPPLIES
The ADA4850-1/ADA4850-2 can operate on bipolar supplies
up to ±5 V. The only restriction is that the voltage between −VS
and the power-down pin must not exceed 6 V. Voltage
differences greater than 6 V can cause permanent damage to the
amplifier. For example, when operating on ±5 V supplies, the
power-down pin must not exceed +1 V.
POWER-DOWN PINS
The ADA4850-1/ADA4850-2 feature an ultralow power-down
mode that lowers the supply current to less than 150 nA. When
a power-down pin is brought to within 0.6 V of the negative
supply, the amplifier is powered down. Table 5 outlines the
power-down pin functionality. To ensure proper operation, the
power-down pins (PD) should not be left floating.
Table 5. Power-Down Pins Functionality
3 V and 5 V
Supply Voltage
ADA4850-1
ADA4850-2
Powered Down
0 V to 0.7 V
0 V to 0.6 V
Enabled
0.8 to +VS
1.7 V to +VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com