Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FKCS2052 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKCS2052
Description  Dual N-Ch Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKCS2052 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKCS2052 Datasheet HTML 1Page - FETek Technology Corp. FKCS2052 Datasheet HTML 2Page - FETek Technology Corp. FKCS2052 Datasheet HTML 3Page - FETek Technology Corp. FKCS2052 Datasheet HTML 4Page - FETek Technology Corp. FKCS2052 Datasheet HTML 5Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKCS2052
Dual N-Ch Fast Switching MOSFETs
11
Symbol
Parameter
Rating
Units
VSSS
Source to Source Voltage
24
V
VGSS
Gate to Source Voltage
±12
V
IS
Continuous Source Current1
6
A
ISP
Pulsed Source Current2
60
A
PT
Total Power Dissipation1
1.6
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
VSSS
RSS(ON) Max
IS Max
24V
45.0m
Ω@ 4.5V
6A
48.0m
Ω@ 4.0V
57.0m
Ω@ 3.1V
70.0m
Ω@ 2.5V
 2.5V Drive
 Common-drain type
 ESD Protection
WLCSP Package Dimensions
Absolute Maximum Ratings (TA=25℃)
Electrical Connection
Product Summary
Features
Taping Type: T/R


Similar Part No. - FKCS2052

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKCS2050 FETEK-FKCS2050 Datasheet
869Kb / 5P
Dual N-Ch Fast Switching MOSFETs
Ver : A
More results

Similar Description - FKCS2052

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PKQ2720 PACELEADER-PKQ2720 Datasheet
1Mb / 5P
Dual N-Ch Fast Switching MOSFETs
PKQ2721 PACELEADER-PKQ2721 Datasheet
1Mb / 5P
Dual N-Ch Fast Switching MOSFETs
logo
Shenzhen Huazhimei Semi...
HM2030Q HMSEMI-HM2030Q Datasheet
1Mb / 7P
Dual N-Ch Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCA1002 FETEK-FKCA1002 Datasheet
1,020Kb / 7P
Dual N-Ch Fast Switching MOSFETs
Ver : A
FKCA1030 FETEK-FKCA1030 Datasheet
951Kb / 7P
Dual N-Ch Fast Switching MOSFETs
Ver : A
FKCA2030 FETEK-FKCA2030 Datasheet
871Kb / 7P
Dual N-Ch Fast Switching MOSFETs
Ver : A
FKCB8236 FETEK-FKCB8236 Datasheet
785Kb / 6P
Dual N-Ch Fast Switching MOSFETs
Ver : A
FKCC8211 FETEK-FKCC8211 Datasheet
884Kb / 6P
Dual N-Ch Fast Switching MOSFETs
Ver : A
FKQ2720 FETEK-FKQ2720 Datasheet
696Kb / 6P
Dual N-Ch Fast Switching MOSFETs
Ver : A
FKQ2721 FETEK-FKQ2721 Datasheet
793Kb / 7P
Dual N-Ch Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com