Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-1AKSZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4853-1AKSZ-R2
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4853-1AKSZ-R2 Datasheet HTML 1Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 2Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 3Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 4Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 5Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 6Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 7Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 4 of 16
SPECIFICATIONS WITH 5 V SUPPLY
TA = 25°C, RF = 1 kΩ, RG = 1 kΩ for G = +2, RL = 150 Ω, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.1 V p-p
100
MHz
G = +2, VO = 2 V p-p
35
MHz
Bandwidth for 0.5 dB Flatness
G = +2, VO = 2 V p-p
22
MHz
Settling Time to 0.1%
VO = 2 V step
54
ns
Slew Rate
G = +2, VO = 2 V step
93
120
V/μs
NOISE/DISTORTION PERFORMANCE
Differential Gain
RL = 150 Ω
0.22
%
Differential Phase
RL = 150 Ω
0.10
Degrees
Input Voltage Noise
f = 100 kHz
22
nV/√Hz
Input Current Noise
f = 100 kHz
2.2
pA/√Hz
Crosstalk
G = +2, VO = 2 V p-p, RL = 150 Ω, f = 5 MHz
−66
dB
DC PERFORMANCE
Input Offset Voltage
1
4.1
mV
Input Offset Voltage Drift
1.6
μV/°C
Input Bias Current
1.0
1.7
μA
Input Bias Current Drift
4
nA/°C
Input Bias Offset Current
60
nA
Open-Loop Gain
VO = 0.5 V to 4.5 V
72
80
dB
INPUT CHARACTERISTICS
Input Resistance
Differential/common mode
0.5/20
MΩ
Input Capacitance
0.6
pF
Input Common-Mode Voltage Range
−0.2 to
+VCC − 1.2
V
Input Overdrive Recovery Time (Rise/Fall)
VIN = −0.5 V to +5.5 V, G = +1
40
ns
Common-Mode Rejection Ratio
VCM = 0 V to 3 V
−71
−88
dB
POWER-DOWN
Power-Down Input Voltage
Power-down
1.2
V
Turn-Off Time
1.5
μs
Turn-On Time
120
ns
Power-Down Bias Current
Enabled
Power-down = 5 V
40
50
μA
Power-Down
Power-down = 0 V
0.01
μA
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VIN = −0.25 V to +2.75 V, G = +2
55
ns
Output Voltage Swing
RL = 75 Ω
0.55 to 4.5
0.1 to 4.8
V
Short-Circuit Current
Sinking/sourcing
160/120
mA
POWER SUPPLY
Operating Range
2.65
5
V
Quiescent Current
1.4
1.8
mA/amplifier
Quiescent Current (Power-Down)
Power-down = low
0.1
1.5
μA
Positive Power Supply Rejection
+VS = +2.5 V to +3.5 V, −VS = −2.5 V
−75
−80
dB
Negative Power Supply Rejection
−VS = −2.5 V to −3.5 V, +VS = +2.5 V
−75
−80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com