Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4860-1 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4860-1
Description  High Speed, Low Cost, Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4860-1 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4860-1 Datasheet HTML 9Page - Analog Devices ADA4860-1 Datasheet HTML 10Page - Analog Devices ADA4860-1 Datasheet HTML 11Page - Analog Devices ADA4860-1 Datasheet HTML 12Page - Analog Devices ADA4860-1 Datasheet HTML 13Page - Analog Devices ADA4860-1 Datasheet HTML 14Page - Analog Devices ADA4860-1 Datasheet HTML 15Page - Analog Devices ADA4860-1 Datasheet HTML 16Page - Analog Devices ADA4860-1 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADA4860-1
Rev. 0 | Page 13 of 20
1000
0.1
1
10
100
0
–180
–135
–90
–45
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
PHASE
TRANSIMPEDANCE
VS = ±5V
G = +2
40
30
20
10
0
–10
–20
–30
–40
–5
–4
–3
–2
–1
0
1
2
4
35
VCM (V)
VS = ±5V
VS = +5V
Figure 49. Input VOS vs. Common-Mode Voltage
Figure 46. Transimpedance and Phase vs. Frequency
7.0
6.5
6.0
5.5
5.0
4.5
4.0
41
11
10
9
8
7
6
5
SUPPLY VOLTAGE (V)
6.5
6.0
5.5
5.0
4.5
4.0
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VS = ±5V
VS = +5V
2
Figure 47. Supply Current at Various Supplies vs. Temperature
Figure 50. Supply Current vs. Supply Voltage
10
–10
–8
–6
–4
–2
0
2
4
6
8
–5
–4
–3
–2
–1
0
1
2
3
4
5
OUTPUT VOLTAGE (V)
VS = ±5V
VS = +5V
Figure 48. Inverting Input Bias Current vs. Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com