Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZU6.2B3 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PZU6.2B3
Description  Single Zener diodes in a SOD323F package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZU6.2B3 Datasheet(HTML) 2 Page - NXP Semiconductors

  PZU6.2B3 Datasheet HTML 1Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 2Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 3Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 4Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 5Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 6Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 7Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 8Page - NXP Semiconductors PZU6.2B3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PZUXB_SER_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 7 March 2006
2 of 12
Philips Semiconductors
PZUxB series
Single Zener diodes in a SOD323F package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
[1]
The series consists of 97 types with nominal working voltages from 2.4 V to 36 V.
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym068
2
1
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PZU2.4B to
PZU36B[1]
SC-90
plastic surface mounted package; 2 leads
SOD323F
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
B
B1
B2
B3
B
B1
B2
B3
PZU2.4
G3
-
-
-
PZU10
GJ
FH
HF
KB
PZU2.7
G4
F3
H1
-
PZU11
GK
FJ
HG
KC
PZU3.0
G5
F4
H2
-
PZU12
GL
FK
HH
KD
PZU3.3
G6
F5
H3
-
PZU13
GM
FL
HJ
KE
PZU3.6
G7
F6
H4
-
PZU14
-
-
HK
-
PZU3.9
G8
F7
H5
-
PZU15
GN
FM
HL
KF
PZU4.3
G9
F8
H6
HS
PZU16
GP
FN
HM
KG
PZU4.7
GA
F9
H7
HT
PZU18
GQ
FP
HN
KH
PZU5.1
GB
FA
H8
HU
PZU20
GR
FQ
HP
KJ
PZU5.6
GC
FB
H9
HV
PZU22
GS
FR
HQ
KK
PZU6.2
GD
FC
HA
HW
PZU24
GT
FS
HR
KL
PZU6.8
GE
FD
HB
HX
PZU27
GU
-
-
-
PZU7.5
GF
FE
HC
HY
PZU30
GV
-
-
-
PZU8.2
GG
FF
HD
HZ
PZU33
GW
-
-
-
PZU9.1
GH
FG
HE
KA
PZU36
GX
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com