Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4351DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC4351DB
Description  8-channel analog multiplexer/demultiplexer with latch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4351DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC4351DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4351DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Nexperia
74HC4351; 74HCT4351
8-channel analog multiplexer/demultiplexer with latch
7. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care; ↓ = HIGH-to-LOW LE transition.
Input
E1
E2
LE
S2
S1
S0
Channel ON
H
X
X
X
X
X
none
X
L
X
X
X
X
none
L
H
H
L
L
L
Y0
L
H
H
L
L
H
Y1
L
H
H
L
H
L
Y2
L
H
H
L
H
H
Y3
L
H
H
H
L
L
Y4
L
H
H
H
L
H
Y5
L
H
H
H
H
L
Y6
L
H
H
H
H
H
Y7
L
H
L
X
X
X
last selected channel “ON”
X
X
↓
X
X
X
select channels latched
8. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to VSS = 0 V (ground).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
[1]
-0.5
+11.0
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-
±20
mA
ISK
switch clamping current
VSW < -0.5 V or VSW > VCC + 0.5 V
-
±20
mA
ISW
switch current
-0.5 V < VSW < VCC + 0.5 V
-
±25
mA
IEE
supply current
-
±20
mA
ICC
supply current
-
50
mA
IGND
ground current
-50
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[2]
-
500
mW
P
power dissipation
per switch
-
100
mW
[1] To avoid drawing VCC current out of terminal Z, when switch current flows into terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there
is no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or VEE.
[2] For SOT163-1 (SO20) package: Ptot derates linearly with 12.3 mW/K above 109 °C.
For SOT339-1 (SSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
For SOT360-1 (TSSOP20) package: Ptot derates linearly with 10.0 mW/K above 100 °C.
74HC_HCT4351
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 4 August 2021
4 / 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com