Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILX551B Datasheet(PDF) 7 Page - Sony Corporation

Part # ILX551B
Description  2048-pixel CCD Linear Sensor (B/W)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX551B Datasheet(HTML) 7 Page - Sony Corporation

Back Button ILX551B Datasheet HTML 2Page - Sony Corporation ILX551B Datasheet HTML 3Page - Sony Corporation ILX551B Datasheet HTML 4Page - Sony Corporation ILX551B Datasheet HTML 5Page - Sony Corporation ILX551B Datasheet HTML 6Page - Sony Corporation ILX551B Datasheet HTML 7Page - Sony Corporation ILX551B Datasheet HTML 8Page - Sony Corporation ILX551B Datasheet HTML 9Page - Sony Corporation ILX551B Datasheet HTML 10Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Circuit
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.
1
Ω
5V
9V
0.01µ
10µ/16V
2SA1175
φCLK
φROG
22µ/10V
0.01µ
Output signal
3k
Ω
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com