Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9434 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9434
Description  Electronic, 50 C #22 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9434 Datasheet(HTML) 1 Page - Belden Inc.

  9434 Datasheet HTML 1Page - Belden Inc. 9434 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9434
Electronic, 50 C #22 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 50 Conductor 22AWG (7x30) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); line level audio; voice communications; panel wiring
Construction Details
Conductor
Element
No. of Elements
Size
Stranding
Material
Conductor(s) 50
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom.
Insulation
Diameter
Color Code
Conductor(s)
PVC -
Polyvinyl
Chloride
0.011 in
(0.28 mm)
0.050 in (1.3
mm)
Black, White, Red, Green, Orange, Blue, White/Black Stripe, Red/Black Stripe, Green/Black Stripe, Orange/Black Stripe, Blue/Black Stripe, Black/White
Stripe, Red/White Stripe, Green/White Stripe, Blue/White Stripe, Black/Red Stripe, White/Red Stripe, Orange/Red Stripe, Blue/Red Stripe, Red/Green
Stripe, Orange/Green Stripe, Black/White/Red Stripes, White/Black/Red Stripes, Red/Black/White Stripes, Green/Black/White Stripes,
Orange/Black/White Stripes, Blue/Black/White Stripes, Black/Red/Green Stripes, White/Red/Green Stripes, Red/Black/Green Stripes,
Green/Black/Orange Stripes, Orange/Black/Green Stripes, Blue/White/Orange Stripes, Black/White/Orange Stripes, White/Red/Orange Stripes,
Orange/White/Blue Stripes, White/Red/Blue Stripes, Black/White/Green Stripes, White/Black/Green Stripes, Red/White/Green Stripes, Green/White/Blue
Stripes, Orange/Red/Green Stripes, Blue/Red/Green Stripes, Black/White/Blue Stripes, White/Black/Blue Stripes, Red/White/Blue Stripes,
Green/Orange/Red Stripes, Orange/Red/Blue Stripes, Blue/Orange/Red Stripes, Black/Orange/Red Stripes
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.045 in (1.1 mm) 0.500 in (12.7 mm)
Overall Cable Diameter (Nominal):
0.500 in (12.7 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Conductor(s) 15.6 Ohm/1000ft
34 pF/ft (110 pF/m)
1.2 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 150 V (UL AWM 2576)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9434

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9434 KEYSTONE-9434 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Alpha Wire
9434 ALPHAWIRE-9434 Datasheet
406Kb / 4P
34 (7/42) AWG Silver Platted Copper
logo
Knowles Capacitors All ...
943440 JOHANSONMANUFACTURING-943440 Datasheet
445Kb / 3P
N261 5G Band 28 GHz Filter
KPD_11_2022
943441 JOHANSONMANUFACTURING-943441 Datasheet
475Kb / 3P
N261 5G Band 28 GHz Filter
KPD_11_2022
943442 JOHANSONMANUFACTURING-943442 Datasheet
450Kb / 3P
N261 5G Band 28 GHz Filter
KPD_11_2022
More results

Similar Description - 9434

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8442 BELDEN-8442 Datasheet
249Kb / 2P
Electronic, 2 C #22 Str TC, PVC Ins, PVC Jkt, CMG
8444 BELDEN-8444 Datasheet
204Kb / 2P
Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8456 BELDEN-8456 Datasheet
218Kb / 2P
Electronic, 10 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9421 BELDEN-9421 Datasheet
206Kb / 2P
Electronic, 8 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9430 BELDEN-9430 Datasheet
204Kb / 2P
Electronic, 7 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8443 BELDEN-8443 Datasheet
177Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459 BELDEN-8459 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9432 BELDEN-9432 Datasheet
215Kb / 2P
Electronic, 30 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9433 BELDEN-9433 Datasheet
221Kb / 2P
Electronic, 40 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9423 BELDEN-9423 Datasheet
212Kb / 2P
Electronic, 9 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com