Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLNF4T08H Datasheet(PDF) 3 Page - ams AG

Part # LLNF4T08H
Description  High Uniformity TIR Lenses for LZC Emitter Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LLNF4T08H Datasheet(HTML) 3 Page - ams AG

  LLNF4T08H Datasheet HTML 1Page - ams AG LLNF4T08H Datasheet HTML 2Page - ams AG LLNF4T08H Datasheet HTML 3Page - ams AG LLNF4T08H Datasheet HTML 4Page - ams AG LLNF4T08H Datasheet HTML 5Page - ams AG LLNF4T08H Datasheet HTML 6Page - ams AG LLNF4T08H Datasheet HTML 7Page - ams AG LLNF4T08H Datasheet HTML 8Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H
COPYRIGHT © 2021 OSRAM OPTO SEMICONDUCTORS. ALL RIGHTS RESERVED.
LLNF-4T08-H, LLFL-6T08-H, LLWF-6T08-H (Rev 1.0
– 10/18/2021) p 3/8
Optical Specification
Table 1:
Lens Description Part number
Beam angle
[1]
FWHM
Field angle
[2]
Optical efficiency
[3]
On-axis intensity
[4]
(cd/lm)
Narrow Flood
LLNF-4T08-H
24°
53°
88%
2,2
Flood
LLFL-6T08-H
34°
83°
88%
1,7
Wide Flood
LLWF-6T08-H
45°
89°
88%
1,1
Notes for Table 1:
1.
Beam angle is defined as the full width at 50% of the max intensity (FWHM).
2.
Field angle is defined as the full width at 10% of the max intensity.
3.
Optical efficiency is defined as the ratio between the incoming flux and the outgoing flux.
4.
On-axis intensity is defined as the ratio between the total input lumen and the intensity in the optical center of the lens.
Typical Relative Intensity over Angle
– TIR Optics
Figure 1: Typical relative intensity over angle
0%
20%
40%
60%
80%
100%
-90
-60
-30
0
30
60
90
Angle (degrees)
LLNF-4T08-H
LLFL-5T08-H
LLWF-4T08-H
LLNF-4T08-H
LLFL-6T08-H
LLWF-6T08-H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com