Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2017DN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2017DN
Description  Low-Voltage, Low ON, Dual DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2017DN Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2017DN Datasheet HTML 1Page - Vishay Siliconix DG2017DN Datasheet HTML 2Page - Vishay Siliconix DG2017DN Datasheet HTML 3Page - Vishay Siliconix DG2017DN Datasheet HTML 4Page - Vishay Siliconix DG2017DN Datasheet HTML 5Page - Vishay Siliconix DG2017DN Datasheet HTML 6Page - Vishay Siliconix DG2017DN Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DG2017
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72228
S-31067—Rev. A, 26-May-03
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IN, COM, NC, NOa
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Any terminal except NO, NC or COM)
30 mA
. . . . . . . . . . . . . . . . . .
Continuous Current (NO, NC, or COM)
"200 mA
. . . . . . . . . . . . . . . . . . . . .
Peak Current
"300 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Package Solder Reflow Conditionsd
16-Pin QFN (4 x 4 mm)
240
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
QFN-16 (4x4 mm)
1880 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on NC, NO, or COM or IN exceeding V+ will be clamped by inter-
nal diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 23.5 mW/
_C above 70_C
d.
Manual soldering with iron is not recommended for leadless components.
The QFN is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufactur-
ing. A solder fillet at the exposed copper lip cannot be guaranteed and is
not required to ensure adequate bottom side solder interconnection.
SPECIFICATIONS (V+ = 3 V)
Test Conditions
Otherwise Unless Specified
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 3 V,
"10%, VIN = 0.4 or 1.6 Ve
Tempa
Minb
Typc
Maxb
Unit
Analog Switch
Analog Signal Ranged
VNO, VNC,
VCOM
Full
0
V+
V
DC Characteristics
On Resistance
rON
(SW1, SW2)
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO, INC = 10 mA
Room
Full
3.2
3.7
4.3
On-Resistance
rON
(SW3, SW4)
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO, INC = 100 mA
Room
Full
0.67
1.1
1.2
rON Flatnessd
rON
(SW1, SW2)
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO, INC = 10 mA
Room
Full
1.4
2.0
W
rON Flatnessd
rON
(SW3, SW4)
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO, INC = 100 mA
Room
Full
0.12
0.3
W
rON Matchd
DrON
(SW1, SW2)
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO, INC = 10 mA
Room
Full
0.3
rON Matchd
DrON
(SW3, SW4)
V+ = 2.7 V, VCOM = 0.2 V/1.5 V, INO, INC = 100 mA
Room
Full
0.3
Switch Off Leakage Current
INO(off),
INC(off)
V+ = 3.3 V, VNO, VNC = 0.3 V/3.0 V
Room
Full
- 0.5
5.0
0.5
5.0
Switch Off Leakage Current
ICOM(off)
V+ = 3.3 V, VNO, VNC = 0.3 V/3.0 V
VCOM = 0.3 V/3.0 V
Room
Full
- 0.5
5.0
0.5
5.0
nA
Channel-On Leakage Current
ICOM(on)
V+ = 3.3 V, VNO=VNC VCOM =0.3 V/3.0 V
Room
Full
- 0.5
5.0
0.5
5.0
Digital Control
Input High Voltage
VINH
Full
1.6
V
Input Low Voltage
VINL
Full
0.4
V
Input Capacitance
Cin
Full
6
pF
Input Current
IINL or IINH
VIN = 0 or V+
Full
-1
1
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com