Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8701-1XM Datasheet(PDF) 21 Page - ams AG

Part # TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMF8701-1XM Datasheet(HTML) 21 Page - ams AG

Back Button TMF8701-1XM Datasheet HTML 17Page - ams AG TMF8701-1XM Datasheet HTML 18Page - ams AG TMF8701-1XM Datasheet HTML 19Page - ams AG TMF8701-1XM Datasheet HTML 20Page - ams AG TMF8701-1XM Datasheet HTML 21Page - ams AG TMF8701-1XM Datasheet HTML 22Page - ams AG TMF8701-1XM Datasheet HTML 23Page - ams AG TMF8701-1XM Datasheet HTML 24Page - ams AG TMF8701-1XM Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-21
TMF8701 − Register Description
Figure 26:
INT_ENAB Register
Figure 27:
ID Register
Figure 28:
REVID Register
0xe2: INT_ENAB
Field
Name
Reset
Type
Description
1int2_enab
0
RW
Raw histogram available interrupt for App0; asserted
when a raw histogram can be retrieved from I²C.
0 = Disabled, 1 = Enabled -> INT output is active if int2 flag
is “1”
0int1_enab
0
RW
Object detection interrupt for App0; asserted when a
result from object detection is available
0 = Disabled, 1 = Enabled -> INT output is active if int1 flag
is “1”
0xe3: ID
Field
Name
Reset
Type
Description
5:0
id
0
RO
Chip ID, reads 07h – Do not rely on register bits 6 and 7
of this register.
0xe4: REVID
Field
Name
Reset
Type
Description
2:0
rev_id
0
RO
Chip revision ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com