Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G53DC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G53DC
Description  2-channel analog multiplexer/demultiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G53DC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G53DC Datasheet HTML 6Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 7Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 8Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 9Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 10Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 11Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 12Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 13Page - NXP Semiconductors 74LVC2G53DC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74LVC2G53_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 31 March 2006
10 of 24
Philips Semiconductors
74LVC2G53
2-channel analog multiplexer/demultiplexer
(1) VCC = 1.8 V
(2) VCC = 2.5 V
(3) VCC = 2.7 V
(4) VCC = 3.3 V
(5) VCC = 5.0 V
Tamb =25 °C
Fig 8.
Typical switch ON resistance as a function of input voltage
VSW (V)
05
4
23
1
001aad406
20
10
30
40
RON
(
Ω)
0
(1)
(3)
(4)
(5)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com