Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2812T/EM Datasheet(PDF) 12 Page - International Rectifier

Part # ART2812T/EM
Description  28V Input, Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ART2812T/EM Datasheet(HTML) 12 Page - International Rectifier

Back Button ART2812T/EM Datasheet HTML 4Page - International Rectifier ART2812T/EM Datasheet HTML 5Page - International Rectifier ART2812T/EM Datasheet HTML 6Page - International Rectifier ART2812T/EM Datasheet HTML 7Page - International Rectifier ART2812T/EM Datasheet HTML 8Page - International Rectifier ART2812T/EM Datasheet HTML 9Page - International Rectifier ART2812T/EM Datasheet HTML 10Page - International Rectifier ART2812T/EM Datasheet HTML 11Page - International Rectifier ART2812T/EM Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
www.irf.com
ART28XXT Series
Standard Process Screening for ART28XXT Series
Standard Periodic Inspections on ART28XXT Series
Inspection
Application
Quantity
Group A
Part of Screening on Each Unit
100%
Group B
Each Inspection Lot
5 units
Group C
First Inspection Lot or
Following Class 1 Change
10 Units
Group D
In Line (Part of Element Evaluation)
As prescribed by MIL-PRF-38534 for Option 2
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 08/2004
Requirement
MIL-STD-883
Method
/EM Limits
No Suffix Limits
(Class K)
Temperature Range
-55°C to +125°C
-55°C to +125°C
Element Evaluation
N/A
MIL-PRF-38534
Non-destructive Bond Pull
2023
N/A
100%
Internal Visual
2017


Temperature Cycle
1010

Cond C
Constant Acceleration
2001,
500 g
Cond A
PIND
2020
N/A
Cond A
Burn-in
Interim Electrical @ 160 hrs
1015
160 hrs @ 125°C
320 hrs @ 125°C
(2 × 160 hrs)
Final Electrical (Group A)
Read & Record Data
MIL-PRF-38534
& Specification
-55, +25, +125°C
-55, +25, +125°C
PDA (25°C, interim to final)
N/A
2%
Radiographic Inspection
2012
N/A

Seal, Fine & Gross
1014

Cond A, C
External Visual
2009





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com