Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGS20-015AS Datasheet(PDF) 1 Page - IXYS Corporation

Part # DGS20-015AS
Description  Gallium Arsenide Schottky Rectifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGS20-015AS Datasheet(HTML) 1 Page - IXYS Corporation

  DGS20-015AS Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 1999 IXYS All rights reserved
1 - 1
DGS 20-015AS
DGS 20-018AS
Gallium Arsenide Schottky Rectifier
V
RSM
V
RRM
Type
V
V
150
150
DGS 20-015AS
180
180
DGS 20-018AS
Features
Low forward voltage
Very high switching speed –
low I
RM, trr values
Soft reverse recovery
Temperature independent switching
behaviour
High temperature operation capability
Applications
Switched mode power supplies (SMPS)
High frequency converters
Resonant converters
Preliminary Data
A = Anode, C = Cathode , TAB = Cathode
A
TO-263 AB
A
C (TAB)
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
A1
2.03
2.79
.080
.110
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.46
0.74
.018
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.315
.350
E
9.65
10.29
.380
.405
E1
6.22
8.13
.245
.320
e
2.54 BSC
.100 BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.20
0
.008
R
0.46
0.74
.018
.029
Outline TO-263 AB
AC
Symbol
Conditions
Maximum Ratings
I
DC
T
C = 90°C;
17
A
I
FRM
T
C = 25°C; (at rated VR, Sqare Wave, 20 kHz)
30
A
I
FSM
t
p = 8.3 ms; sine
30
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
48
W
I
DC
= 17 A
V
RRM
= 150/180 V
t
rr
= 14 ns
Symbol
Conditions
Characteristic Values
typ.
max.
V
F
I
F = 7.5 A
T
VJ =
25°C
0.8
1.0
V
I
F = 7.5 A
T
VJ = 125°C
0.8
V
I
F = 15
A
T
VJ =
25°C
1.2
V
I
R
V
R = ½ VRRM
T
VJ =
25°C
20
µA
V
R = ½ VRRM
T
VJ = 125°C
100
µA
V
R = VRRM
T
VJ =
25°C
2
mA
I
RM
V
R = 100 V;
T
VJ =
25°C...150°C
1.8
A
t
rr
I
F = 7.5 A; di/dt = -200 A/µs
14
ns
R
thJC
3.1
K/W
Weight
2g
Data according to DIN/IEC 747 and per diode unless otherwise specified


Similar Part No. - DGS20-015AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS20-018AS IXYS-DGS20-018AS Datasheet
53Kb / 2P
Gallium Arsenide Schottky Rectifier
More results

Similar Description - DGS20-015AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DGS17-03CS IXYS-DGS17-03CS Datasheet
55Kb / 2P
Gallium Arsenide Schottky Rectifier
L680 IXYS-L680 Datasheet
60Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS3-01AS IXYS-DGS3-01AS Datasheet
37Kb / 2P
Gallium Arsenide Schottky Rectifier
DGS9-03AS IXYS-DGS9-03AS Datasheet
56Kb / 2P
Gallium Arsenide Schottky Rectifier
DGSS10-06CC IXYS-DGSS10-06CC Datasheet
60Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS19-025AS IXYS-DGS19-025AS Datasheet
165Kb / 3P
Gallium Arsenide Schottky Rectifier
DGS20-022A IXYS-DGS20-022A Datasheet
71Kb / 2P
Gallium Arsenide Schottky Rectifier
GS8DI25104 IXYS-GS8DI25104 Datasheet
52Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25104 IXYS-GS150TA25104 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
GS150TA25110 IXYS-GS150TA25110 Datasheet
115Kb / 2P
Gallium Arsenide Schottky Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com