Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEP-1114 Datasheet(PDF) 1 Page - CUI Devices

Part # CEP-1114
Description  PIEZO BUZZER TRANSDUCER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CEP-1114 Datasheet(HTML) 1 Page - CUI Devices

  CEP-1114 Datasheet HTML 1Page - CUI Devices CEP-1114 Datasheet HTML 2Page - CUI Devices CEP-1114 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/05/2022
page 1 of 3
MODEL: CEP-1114 | DESCRIPTION: PIEZO BUZZER TRANSDUCER
cuidevices.com
FEATURES
• piezo transducer with pin mount
• 93 dB SPL
• 2,000 Hz rated frequency
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
operating voltage
30
Vp-p
current consumption
at 10 Vp-p, 2,000 Hz square wave
11
mA
rated frequency
2,000
Hz
sound pressure level
at 10 cm, 10 Vp-p, 2,000 Hz square wave
93
dB
electrostatic capacity
at 1 kHz/1 V
31,500
45,000
58,500
pF
dimensions
Ø30.0 x 13.5
mm
weight
4.3
g
material
ABS UL94 1/16” HB (black)
terminal
pin type (Au plating)
operating temperature
-30
80
°C
storage temperature
-40
80
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering2
for maximum 2 seconds
330
380
°C
Notes:
2. Not recommended for wave soldering
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CEP-1114

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1114 CUI-CEP-1114 Datasheet
379Kb / 5P
piezo audio transducer
CEP-1114 CUI-CEP-1114 Datasheet
333Kb / 3P
PIEZO BUZZER TRANSDUCER
03/12/2020
CEP-1114 CUI-CEP-1114_V01 Datasheet
333Kb / 3P
PIEZO BUZZER TRANSDUCER
03/12/2020
More results

Similar Description - CEP-1114

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMT-1261-SMT CUI-CMT-1261-SMT Datasheet
416Kb / 3P
PIEZO BUZZER TRANSDUCER
CPT-4011C-600 CUI-CPT-4011C-600 Datasheet
359Kb / 4P
PIEZO BUZZER TRANSDUCER
CPT-1625-80-SMT-TR CUI-CPT-1625-80-SMT-TR Datasheet
396Kb / 5P
PIEZO BUZZER TRANSDUCER
logo
CUI Devices
CPT-1495CI-300 CUID-CPT-1495CI-300 Datasheet
1Mb / 4P
PIEZO BUZZER TRANSDUCER
08/05/2022
CEP-1123 CUID-CEP-1123 Datasheet
305Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
CEP-1106 CUID-CEP-1106 Datasheet
756Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
CEP-1162 CUID-CEP-1162 Datasheet
444Kb / 4P
PIEZO BUZZER TRANSDUCER
08/05/2022
CMT-1102-SMT-TR CUID-CMT-1102-SMT-TR Datasheet
452Kb / 4P
PIEZO BUZZER TRANSDUCER
08/05/2022
CPE-120 CUID-CPE-120 Datasheet
282Kb / 3P
PIEZO BUZZER TRANSDUCER
08/05/2022
CPI-3816-95T CUID-CPI-3816-95T Datasheet
451Kb / 4P
PIEZO BUZZER TRANSDUCER
08/05/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com